Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT3CLLM Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # RT3CLLM
Description  2SC3052 chips in SC-88 package.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3CLLM Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  RT3CLLM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3CLLM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
RT3CLLM is a compound transistor built with two
2SC3052 chips in SC-88 package.
FEATURE
Silicon npn epitaxial type
Each transistor elements are independent.
Mini package for easy mounting
APPLICATION
For low frequency amplify application
PRELIMINARY
RT3CLLM
Compound Transistor
For Low Frequency Amplify Application
Silicon Npn Epitaxial Type
OUTLINE DRAWING
Unit:mm
MAXIMUM RATING (Ta=25℃)
SYMBOL
PARAMETER
RATING
UNIT
VCBO
Collector to Base voltage
50
V
VEBO
Emitter to Base voltage
6
V
VCEO
Collector to Emitter voltage
50
V
IC
Collector current
200
mA
PC(Total)
Collector dissipation(Ta=25℃)
150
mW
Tj
Junction temperature
+
125
℃
Tstg
Storage temperature
-55~+125
℃
MARKING
L
CL
1
2
3
6
5
4
.
ISAHAYA ELECTRONICS CORPORATION
TERMINAL
CONNECTOR
①:
EMITTER1
②:
BASE1
③:
COLLECTOR2
④:
EMITTER2
⑤:
BASE2
⑥
:COLLECTOR1
JEITA:SC-88
1.25
2.1
①
②
③
⑤
④
⑥
Tr1
Tr2


Similar Part No. - RT3CLLM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
RT3CLLM ISAHAYA-RT3CLLM Datasheet
141Kb / 4P
Compound Transistor
More results

Similar Description - RT3CLLM

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31012 ZMD-ZMD31012 Datasheet
717Kb / 2P
Two low-cost sensor signal conditioners ZMD31010 chips in one package
logo
Nel Frequency Controls,...
OD-X8HXXXXX NEL-OD-X8HXXXXX Datasheet
38Kb / 3P
Precision SC-cut OCXO in 20x20 mm Through Hole Package
logo
Micro Electronics
MLM-350 MICRO-ELECTRONICS-MLM-350 Datasheet
133Kb / 1P
Visible LED Full Color Series (3 Chips in 1 Package)
logo
ON Semiconductor
NTJS4160N ONSEMI-NTJS4160N Datasheet
87Kb / 5P
Power MOSFET 30 V, 3.2 A, Single N-Channel, SC-88
March, 2008 - Rev. 1
logo
Rohm
UMX4NTR ROHM-UMX4NTR Datasheet
89Kb / 4P
Two 2SC3837K chips in a EMT or UMT or SMT package.
logo
Protek Devices
GBLCSC PROTEC-GBLCSC_15 Datasheet
358Kb / 6P
SC-79 PACKAGE
GBLCSC08CLC PROTEC-GBLCSC08CLC_15 Datasheet
466Kb / 6P
SC-79 PACKAGE
logo
Leshan Radio Company
L2N7002KDW1T1G LRC-L2N7002KDW1T1G Datasheet
602Kb / 6P
Small Signal MOSFET380 mAmps, 60 Volts N?밅hannel SC-88
LBSS138DW1T1G LRC-LBSS138DW1T1G Datasheet
593Kb / 6P
Power MOSFET200 mAmps, 50 Volts N?밅hannel SC-88
LBSS139DW1T1G LRC-LBSS139DW1T1G Datasheet
1Mb / 7P
Power MOSFET200 mAmps, 50 Volts N?밅hannel SC-88
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com