Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS10D40CT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # FS10D40CT
Description  10.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FS10D40CT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  FS10D40CT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FS10D40CT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FS10D20CT thru FS10D120CT
Pb Free Plating Product
FS10D20CT thru FS10D120CT
Pb
10.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.07T
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
UNIT
VRRM
200
400
600
800
1000
1200
V
VRMS
140
280
420
560
700
840
V
VDC
200
400
600
800
1000
1200
V
IF(AV)
A
IFSM
A
VF
(Typical)
IR
μA
μA
Trr
nS
CJ
pF
RθJC
℃
/W
TJ,TSTG
℃
Note:(1)Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
Note:(2)Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
Note:(3)Thermal Resistance junction to case.
Typical Junction Capacitance (Note 2)
65
Typical Thermal Resistance (Note 3)
2.0
Operating Junction and Storage
Temperature Range
-55 to +175
Maximum Reverse Recovery Time (Note1)
PARAMETER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Current TC=125℃
(Total Device 2x5.0A=10.0A)
10.0
Peak Forward Surge Current, 8.3ms single Half
sine-wave superimposed on rated load (JEDEC
method)(Per Diode/Per Leg)
125
Maximum Instantaneous Forward Voltage
@5.0A(Per Diode/Per Leg)
Maximum DC Reverse Current @TJ=25℃
At Rated DC Blocking Voltage @TJ=125℃
5.0
500
1.40-1.80
FS10D20CT
FS10D40CT
FS10D60CT
FS10D80CT
FS10D100CT
FS10D120CT
35-50
50-75
0.90-1.10
1.10-1.40
1.40-1.80
V
FS10D30CT
Features
TO-263AB/D2PAK
Unit:inch(mm)
※
ThinkiSemi latest&matured process FRD/FRED
※
Low forward voltage drop
※
High current capability
※
Low reverse leakage current
※
Low reverse leakage current
※
High surge current capability
Application
※
Automotive Inverters and Solar Inverters
※
Car Audio Amplifiers and Sound Device Systems
※
Plating Power Supply,Motor Control,UPS and SMPS etc.
Mechanical Data
※Case:Surface Mount TO-263AB/D2PAK package
※
Epoxy: UL 94V-0rateflame retardant
※
Epoxy: UL 94V 0 rate flame retardant
※
Terminals: Solderable per MIL-STD-202 method 208
※
Polarity: As marked on diode body
※
Mounting position: Any
※
Weight: 1.8 gram approximately
Positive
Negative
Common Cathode
Common Anode
Doubler
Doubler Polarity
Series
Series Connection
Prefix "FS10A"
Prefix "FS10D"
Prefix "FS10S"
Prefix "FS10C"
Case
Case
Case
Case


Similar Part No. - FS10D40CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
FS10D THINKISEMI-FS10D Datasheet
621Kb / 2P
10.0 Ampere Surface Mount Round Lead Fast Recovery Rectifier Diodes
More results

Similar Description - FS10D40CT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
URF1020D THINKISEMI-URF1020D Datasheet
287Kb / 2P
10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
U10C20D THINKISEMI-U10C20D Datasheet
281Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MURD1020CTD THINKISEMI-MURD1020CTD Datasheet
729Kb / 2P
10.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
UF10C20D THINKISEMI-UF10C20D Datasheet
264Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
VF10C20D THINKISEMI-VF10C20D Datasheet
264Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
MUR1020CD THINKISEMI-MUR1020CD Datasheet
269Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MURB1020CD THINKISEMI-MURB1020CD Datasheet
303Kb / 2P
10.0 Ampere Surface Mount Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MURF1020CD THINKISEMI-MURF1020CD Datasheet
283Kb / 2P
10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR1020CR THINKISEMI-MUR1020CR Datasheet
266Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
MUR1020FCR THINKISEMI-MUR1020FCR Datasheet
281Kb / 2P
10.0 Ampere Insulated Dual Doubler Polarity Ultra Fast Recovery Rectifiers
Rev.07T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com