Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2371 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SC2371
Description  NPN Silicon Power Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC2371 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SC2371 Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC2371
NPN Silicon
Power Transistors
Features
•
With TO-126 package
•
Video applications
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
300
V
VCBO
Collector-Base Voltage
300
V
VEBO
Emitter-Base Voltage
7.0
V
IC
Collector Current
0.1
A
PC
Collector power dissipation
10
W
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
300
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=200Vdc,IE=0)
---
0.1
uAdc
IEBO
Emitter-Base Cutoff Current
(VEB=7.0Vdc, IC=0)
---
0.1
mAdc
ON CHARACTERISTICS
hFE
Forward Current Transfer ratio
(IC=10mAdc, VCE=10Vdc)
40
250
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=30mAdc, IB=3.0Adc)
---
1.5
Vdc






 

 











































































!




E
A
D
F
G
H
J
J
C
B
L
M
P
Q
N
R
K
PIN 1.
EMITTER
PIN 2.
COLLECTOR
1
2
3
PIN 3.
BASE
www.mccsemi.com
Revision: 2
2003/04/30
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC


Similar Part No. - 2SC2371

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC2371 SAVANTIC-2SC2371 Datasheet
99Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC2371 JMNIC-2SC2371 Datasheet
150Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2371 ISC-2SC2371 Datasheet
128Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2371 SAVANTIC-2SC2371 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC2371 NJSEMI-2SC2371 Datasheet
120Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC2371

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com