Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30DF1Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 30DF1Z
Description  FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

30DF1Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  30DF1Z Datasheet HTML 1Page - List of Unclassifed Manufacturers 30DF1Z Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cos t
D iffus ed junction
Low leakage
Low forw ard voltage drop
H igh current capability
MECHANICAL DATA
C as e:JED EC D O--27,m olded plas tic
Term inals : Axial lead ,s olderable per
MIL- STD -202,Method 208
Polarity: C olor band denotes cathode
Weight: 0.041ounces ,1.15 gram s
Mounting pos ition: Any
R atings at 25
am bient tem perature unles s otherw is e s pecified.
Single phas e,half w ave,50H z,res is tive or inductive load. For capacitive load,derate by 20% .
UNITS
Max imum rec urrent peak rev ers e v oltage
V RRM
V
Max imum RMS v oltage
V RMS
V
Max imum DC bloc king v oltage
V DC
V
Max imum av erage f orw ard rec tif ied c urrent
9.5mm lead length,
@T
A =75
Peak f orw ard s urge c urrent
10ms s ingle half -s ine-w av e
s uperimpos ed on rated load
@T
J =125
Max imum ins tantaneous f orw ard v oltage
@ 3.0A
VF
V
Max imum rev ers e c urrent
@T
A =25
at rated DC bloc king v oltage
@T
A =100
Max imum rev ers e rec ov ery time
(Note1)
trr
ns
Ty pic al junc tion c apac itanc e
(Note2)
CJ
pF
Ty pic al thermal res is tanc e
(Note3)
RθJA
/W
Operating junc tion temperature range
TJ
Storage temperature range
TSTG
N OTE:1. Meas ured with I
F=0.5A, I R=1A, I rr=0. 25A.
2.Meas ured at 1.0MH Z and applied rev ers e v oltage of 4.0V D C .
3.Them al res is tanc e f rom junc tion to am bient.
-55 ---- + 150
-55 ---- + 150
10.0
200.0
200
32
22
30DF1(Z)---30DF2(Z)
VOLT AGE RANGE: 100 --- 200 V
CURRENT : 3.0 A
100
200
GALAXY ELECTRICAL
A
A
FAST RECOVERY RECT IFIERS
DO - 27
30
DF1
30
DF2
MAXIM UM RATINGS AND ELECTRICAL CHARACTERISTICS
200
Eas ily cleaned w ith Freon Alcohol,Is opropanol and
s im ilar s olvents
A
IFSM
IR
1.0
200.0
70
140
IF(AV)
3.0
100
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0261030
1.


Similar Part No. - 30DF1Z

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30DF1 NJSEMI-30DF1 Datasheet
61Kb / 1P
Ultra-Fast Recovery
30DF1 NJSEMI-30DF1 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
SUNMATE electronic Co.,...
30DF1 SUNMATE-30DF1 Datasheet
278Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - 30DF1Z

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com