Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMD9003D Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMD9003D
Description  MOSFET driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMD9003D Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMD9003D Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMD9003D Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMD9003D Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMD9003D Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMD9003D Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMD9003D Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMD9003D Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMD9003D Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMD9003D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PMD9003D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 24 November 2006
3 of 15
NXP Semiconductors
PMD9003D
MOSFET driver
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
IC
collector current
-
0.1
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
0.2
A
IBM
peak base current
single pulse;
tp ≤ 1ms
-
0.2
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
290
mW
[2] -
325
mW
[3] -
400
mW
Diode (D1)
IF
forward current
-
−0.2
A
IFRM
repetitive peak forward current
tp ≤ 1 ms; δ≤ 0.25
-
−0.6
A
IFSM
non-repetitive peak forward
current
square wave
tp =1 µs-
−9A
tp = 100 µs-
−3A
tp =10ms
-
−1.7
A
Device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com