Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAS70-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAS70-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAS70-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAS70-HF Datasheet HTML 1Page - Comchip Technology ABAS70-HF Datasheet HTML 2Page - Comchip Technology ABAS70-HF Datasheet HTML 3Page - Comchip Technology ABAS70-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Small Signal Schottky Diodes
Rating and Characteristic Curves (ABAS70-xx-HF)
Fig.3 - Junction Capacitance
0
30
20
1.0
3.5
Reverse Voltage, VR (V)
10
2.0
3.0
15
5
25
1.5
2.5
Fig.1 - Forward Characteristics
30
200
0.01
10
400
1000
600
800
Reverse Voltage, VR (V)
20
0.1
1
50
40
Fig.2 - Reverse Characteristics
Forward Voltage, VF (mV)
100
10
Parameter
Symbol
Conditions
Max
Unit
Min
Forward voltage
IF = 15mA
VF
1.0
V
Reverse current
VR = 50V
IR
μA
0.2
Junction capacitance
CJ
pF
5
VR = 0V, f = 1MHz
Reverse recovery time
trr
ns
IF = IR = 10mA, Irr = 1mA, RL = 100Ω
4
IF = 1mA
0.41
Reverse breakdown voltage
IR = 10μA
V(BR)R
70
V
0.1
0.001
0.01
125°C
75°C
25°C
60
70
125°C
75°C
25°C
Page 2
AQW-JA008
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com