Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAT54WS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAT54WS-HF
Description  Small Signal Schottky Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAT54WS-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAT54WS-HF Datasheet HTML 1Page - Comchip Technology ABAT54WS-HF Datasheet HTML 2Page - Comchip Technology ABAT54WS-HF Datasheet HTML 3Page - Comchip Technology ABAT54WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Symbol
Conditions
Max
Unit
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
AQW-JA006
Min
Small Signal Schottky Diodes
Forward voltage
IF = 10mA
VF
0.40
V
Reverse current
VR = 25V
IR
μA
Diode capacitance
CD
pF
2
5
VR = 1V, f = 1MHz
Reverse breakdown voltage
IR = 10μA
V(BR)
30
Rating and Characteristic Curves (ABAT54WS-HF)
Reverse recovery time
trr
ns
V
IF = IR = 10mA, Irr = 1mA, RL = 100Ω
10
IF = 0.1mA
IF = 1mA
IF = 100mA
IF = 30mA
0.32
1.00
0.50
0.24
Fig.3 - Junction Capacitance
0
30
20
2
14
16
Reverse Voltage, VR (V)
10
6
10
15
5
25
12
4
8
Fig.1 - Forward Characteristics
5
30
0
0.01
10
1000
0.2
0.8
0.4
0.6
Reverse Voltage, VR (V)
20
0.1
1
25
15
Fig.2 - Reverse Characteristics
Forward Voltage, VF (V)
100
0.1
1
10
200
TA=125°C
TA=75°C
TA=25°C
100
10
TA=125°C
TA=75°C
TA=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com