Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAV20WS-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ABAV20WS-HF
Description  Small Signal Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAV20WS-HF Datasheet(HTML) 1 Page - Comchip Technology

  ABAV20WS-HF Datasheet HTML 1Page - Comchip Technology ABAV20WS-HF Datasheet HTML 2Page - Comchip Technology ABAV20WS-HF Datasheet HTML 3Page - Comchip Technology ABAV20WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
AQW-J0012
Small Signal Switching Diodes
RoHS Device
ABAV19WS-HF Thru. ABAV21WS-HF
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
Halogen Free
Maximum Rating (at Ta=25°C unless otherwise noted)
Symbol
ABAV19WS-HF
Unit
Parameter
VR
Reverse voltage
V
100
Average forward current
IFAV
mA
200
A
mW
Ptot
Power dissipation
Non-repetitive peak forward surge current
IFSM
250
°C
TSTG
-55 to +150
Storage temperature range
RθJA
°C
Thermal resistance junction to ambient
500
1.7
Maximum junction temperature
TJ
K/W
tp < 10ms
150
Mechanical data
- Case: SOD-323, molded plastic.
- Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102.
- Polarity: Cathode line denotes the cathode end.
Circuit Diagram
Features
- Epoxy meets UL-94 V-0 flammability rating.
- Moisture sensitivity Level 1.
- AEC-Q101 Qualified.
- VRRM 120V to 250V.
- IFAV 200mA.
ABAV20WS-HF ABAV21WS-HF
VRRM
Repetitive peak reverse voltage
150
200
V
120
200
250
Dimensions in inches and (millimeter)
SOD-323
0.071(1.80)
0.063(1.60)
0.010(0.25)
0.016(0.40)
0.106(2.70)
0.098(2.50)
0.055(1.40)
0.047(1.20)
0.035(0.90)
0.000(0.00)
0.004(0.10)
0.016(0.40)
0.007(0.17)
0.003(0.08)
0.008(0.20)
0.031(0.80)


Similar Part No. - ABAV20WS-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABAV20W-HF COMCHIP-ABAV20W-HF Datasheet
516Kb / 4P
Small Signal Switching Diodes
REV:A
More results

Similar Description - ABAV20WS-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes
CDST-7000-G COMCHIP-CDST-7000-G_12 Datasheet
67Kb / 2P
Small Signal Switching Diodes
CDSV3-16-G COMCHIP-CDSV3-16-G_12 Datasheet
110Kb / 4P
Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
Small Signal Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com