Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAV99W-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ABAV99W-HF
Description  Dual Series Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAV99W-HF Datasheet(HTML) 2 Page - Comchip Technology

  ABAV99W-HF Datasheet HTML 1Page - Comchip Technology ABAV99W-HF Datasheet HTML 2Page - Comchip Technology ABAV99W-HF Datasheet HTML 3Page - Comchip Technology ABAV99W-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Parameter
Reverse voltage leakage current
Reverse breakdown voltage
Symbol
Conditions
Min
Max
Unit
IR
μA
I(BR) = 100µA
V(BR)
75
V
Page 2
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Dual Series Switching Diodes
Rating and Characteristic Curves (ABAV99W-HF)
Fig.1 - Forward Voltage
Forward Voltage, VF (V)
Fig.2 - Leakage Current
Reverse Voltage, VR (V)
0
50
10
20
40
30
0.2
0.001
0.01
10
0.1
100
0.6
1.0
1.2
AQW-J0018
REV:A
VR = 75V
2.5
Fig.3 - Capacitance
Reverse Voltage, VR (V)
0
0.52
0.68
2
4
6
8
0.60
0.56
0.64
10
1
Forward voltage
IF = 1mA
VF
mV
715
Diode capacitance
Reverse recovery time
CD
trr
IF = 10mA
IF = 50mA
IF = 150mA
pF
nS
855
1000
1250
1.5
6.0
VR = 0V, f = 1MHz
IF = IR = 10mA, RL = 100Ω
Forward recovery voltage
VFR
1.75
IF = 10mA, tr = 20ns
V
0.4
0.8
Ta=85°C
Ta=-40°C
Ta=25°C
0.1
1
Ta=125°C
Ta=150°C
Ta=85°C
Ta=25°C
Ta=55°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com