Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBB360-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDBB360-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBB360-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACDBB360-HF Datasheet HTML 1Page - Comchip Technology ACDBB360-HF Datasheet HTML 2Page - Comchip Technology ACDBB360-HF Datasheet HTML 3Page - Comchip Technology ACDBB360-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQW-JB034
Page 2
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
0.4
0.01
0.1
1.0
10
100
0.5
0.3
0.8
0.6
0.7
ACDBB360-HF
ACDBB340-HF
ACDBB3100-HF
SMD Schottky Barrier Diode
Case Temperature, (°C)
Fig.4 - Typical Reverse Characteristics
0
75
125
0
1.0
5.0
25
50
100
150
100
10
1
0.1
0.01
30
60
20
40
80
70
50
90
Fig.5 - Typical Junction Capacitance
Reverse Voltage, (V)
0.1
1.0
10
100
300
0
500
2.0
3.0
4.0
100
Percent of Peak Reverse Voltage, (%)
100
400
Fig.1 - Typical Forward Current
Derating Curve
Number of Cycles at 60Hz
8.3ms Single Half Sine-Wave
0
60
100
10
100
1
40
20
80
Fig.3 - Maximum Non-Repetitive
Forward Surge Current
(JEDEC Method)
TJ=25°C
Forward Voltage, (V)
Fig.2 - Typical Forward Characteristics
100°C
25°C
0.001
200
Rating and Characteristic Curves (ACDBB340-HF Thru. ACDBB3150-HF)
ACDBB3150-HF
ACDBB3100-HF~ACDBB3150-HF
ACDBB3100-HF
ACDBB3150-HF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com