Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBMS240-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACDBMS240-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBMS240-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACDBMS240-HF Datasheet HTML 1Page - Comchip Technology ACDBMS240-HF Datasheet HTML 2Page - Comchip Technology ACDBMS240-HF Datasheet HTML 3Page - Comchip Technology ACDBMS240-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Reel Taping Specification
SMD Schottky Barrier Rectifiers
Page 3
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
AQW-JB031
SOD-123F
SYMBOL
(mm)
(inch)
E
F
P
P1
P0
W1
W
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
2.00 ± 0.05
0.079 ± 0.002
4.00 ± 0.10
0.157 ± 0.004
4.00 ± 0.10
0.157 ± 0.004
T
2.00 ± 0.10
SYMBOL
SOD-123F
(mm)
(inch)
A
C
B
d
D1
D
D2
0.079 ± 0.004
178 Max.
50 Min.
7.008 Max.
0.524 ± 0.039
2.05 ± 0.10
0.081 ± 0.004
4.01 ± 0.10
0.158 ± 0.004
1.32 ± 0.10
0.052 ± 0.004
13.30 ± 1.00
1.969 Min.
0.24 ± 0.03
0.009 ± 0.001
8.00 ± 0.30
0.315 ± 0.012 0.366 ± 0.039
9.30 ± 1.00
D1
D2
D
W1
Trailer
Device
Leader
400mm (min)
160mm (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
T
C
W
A
P
B
F
E
P0
P1
d
Index hole



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com