Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4484R Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4484R
Description  High-Current Driver Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4484R Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4484R Datasheet HTML 1Page - Sanyo Semicon Device 2SC4484R Datasheet HTML 2Page - Sanyo Semicon Device 2SC4484R Datasheet HTML 3Page - Sanyo Semicon Device 2SC4484R Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
83098HA (KT)/5249MO, TS No.3024-1/4
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP/NPN Epitaxial Planar Silicon Transistors
High-Current Driver Applications
Ordering number:EN3024
2SA1704/2SC4484
( ) : 2SA1704
Specifications
Absolute Maximum Ratings at Ta = 25˚C
Electrical Characteristics at Ta = 25˚C
Package Dimensions
unit:mm
2064
[2SA1704/2SC4484]
Applications
· Voltage regulators, relay drivers. lamp drivers.
Features
· Adoption of FBET, MBIT processes.
· Low collector-to-emitter voltage.
· Large current capacity and wide ASO.
· Fast switching speed.
E : Emitter
C : Collector
B : Base
SANYO : NMP
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cs
g
n
i
t
a
Rt
i
n
U
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
o
t
c
e
ll
o
CV
O
B
C
0
3
)
–
(V
e
g
a
t
l
o
V
r
e
t
t
i
m
E
-
o
t
-
r
o
t
c
e
ll
o
CV
O
E
C
5
2
)
–
(V
e
g
a
t
l
o
V
e
s
a
B
-
o
t
-
r
e
t
t
i
m
EV
O
B
E
6
)
–
(V
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CIC
5
.
2
)
–
(A
)
e
s
l
u
P
(
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
CI P
C
5
)
–
(A
n
o
i
t
a
p
i
s
s
i
D
r
o
t
c
e
ll
o
CPC
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
Jj
T
0
5
1
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
Sg
t
s
T
0
5
1
+
o
t
5
5
–
˚C
˚C
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
s
g
n
i
t
a
R
t
i
n
U
n
i
mp
y
tx
a
m
t
n
e
r
r
u
C
f
f
o
t
u
C
r
o
t
c
e
ll
o
CI
O
B
C
V B
C
I
,
V
0
5
)
–
(
=
E 0
=0
0
1
)
–
(A
n
t
n
e
r
r
u
C
f
f
o
t
u
C
r
e
t
t
i
m
EI
O
B
E
V B
E
I
,
V
4
)
–
(
=
C 0
=0
0
1
)
–
(A
n
n
i
a
G
t
n
e
r
r
u
C
C
Dh E
F 1V E
C
I
,
V
2
)
–
(
=
C
A
m
0
0
1
)
–
(
=
*
0
0
1*
0
0
4
h E
F 2V E
C
I
,
V
2
)
–
(
=
C
A
1
)
–
(
=5
6
t
c
u
d
o
r
P
h
t
d
i
w
d
n
a
B
-
n
i
a
GfT
V E
C
I
,
V
0
1
)
–
(
=
C
A
m
0
5
)
–
(
=0
5
1z
H
M
* : The 2SA1704/2SC4484 are classified by 100mA hFE as follows :
0
0
2
R
0
0
10
8
2
S
0
4
10
0
4
T
0
0
2


Similar Part No. - 2SC4484R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4484 SANYO-2SC4484 Datasheet
116Kb / 4P
High-Current Driver Applications?
More results

Similar Description - 2SC4484R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2271 TOSHIBA-2SD2271 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED TYPE (MOTOR DRIVER, HIGH CURRENT SWITCHING APPLICATIONS)
logo
Sanyo Semicon Device
2SA1704 SANYO-2SA1704 Datasheet
116Kb / 4P
High-Current Driver Applications?
2SB1120 SANYO-2SB1120 Datasheet
76Kb / 3P
High-Current Driver Applications
2SB1121 SANYO-2SB1121 Datasheet
95Kb / 3P
High-Current Driver Applications?
2SD1145 SANYO-2SD1145 Datasheet
79Kb / 3P
High-Current Driver Applications?????????????
logo
Fairchild Semiconductor
KSD1621 FAIRCHILD-KSD1621 Datasheet
71Kb / 5P
High Current Driver Applications
KSB1121 FAIRCHILD-KSB1121 Datasheet
43Kb / 4P
High Current Driver Applications
logo
Texas Instruments
SN75460 TI-SN75460 Datasheet
557Kb / 10P
PERIPHERAL DRIVERS FOR HIGH-VOLTAGE HIGH-CURRENT DRIVER APPLICATIONS
logo
Sanyo Semicon Device
2SB1121 SANYO-2SB1121_11 Datasheet
106Kb / 4P
High-Current Driver Applications
2SB1121S-TD-E SANYO-2SB1121S-TD-E Datasheet
93Kb / 4P
High-Current Driver Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com