Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR08AM Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR08AM
Description  LOW POWER USE PLANAR PASSIVATION TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR08AM Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR08AM Datasheet HTML 1Page - Renesas Technology Corp BCR08AM Datasheet HTML 2Page - Renesas Technology Corp BCR08AM Datasheet HTML 3Page - Renesas Technology Corp BCR08AM Datasheet HTML 4Page - Renesas Technology Corp BCR08AM Datasheet HTML 5Page - Renesas Technology Corp BCR08AM Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mar. 2002
MITSUBISHI SEMICONDUCTOR <TRIAC>
BCR08AM
LOW POWER USE
PLANAR PASSIVATION TYPE
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
10–1
23
5 7 100
100
7
5
3
2
23
5 7 101
101
7
5
3
2
10–1
6
Ω
6
Ω
6V
6V
RG
RG
A
V
A
V
TEST PROCEDURE II
TEST PROCEDURE III
GATE TRIGGER CHARACTERISTICS
TEST CIRCUITS
COMMUTATION CHARACTERISTICS
RATE OF DECAY OF ON-STATE
COMMUTATING CURRENT (A /ms)
GATE TRIGGER CURRENT VS.
GATE CURRENT PULSE WIDTH
GATE CURRENT PULSE WIDTH (
µs)
IRGT I
IRGT III
TYPICAL EXAMPLE
CONDITIONS
VD = 200V
IT = 1A
τ = 500µs
Tj = 125
°C
TYPICAL EXAMPLE
I QUADRANT
III QUADRANT
MINIMUM
CHARAC-
TERISTICS
VALUE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com