Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE231 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLE231
Description  High Power Aluminum Gallium Arsenide IREDs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLE231 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLE231 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Clairex Technologies, Inc.
1845 Summit Ave., #404
Plano, Texas 75074-8148
Phone: 972-422-4676
Fax: 972-423-8628
www.clairex.com
CLE230,CLE231,CLE232,CLE233
High Power Aluminum Gallium Arsenide IREDs
0.025 (0.64) max.
0.190 (4.83)
0.210 (5.33)
0.050 (1.27)
0.030 (0.76)
0.147 (3.73)
0.137 (3.48)
0.019 (0.48)
0.016 (0.41)
1.00 (25.4) min.
CATHODE
ANODE
0.205 (5.21)
0.215 (5.46)
0.190 (4.83)
0.176 (4.47)
0.158 (4.01)
0.136 (3.45)
0.100 (2.54) dia.
Case 2
Clairex
Technologies, Inc.
February, 2001
ALL DIMENSIONS ARE IN INCHES (MILLIMETERS)
features
• narrow emission angle
• TO-46 hermetically sealed package
• excellent heat dissipation
• high power output
description
The CLE230 series are AlGaAs
infrared emitting diodes mounted in
TO-46 hermetic packages. The
narrow emission angle provides high
on-axis intensity. The series are
spectrally and mechanically matched
to the CLT130 phototransistor series.
For additional information, call
Clairex.
absolute maximum ratings (TA = 25°C unless otherwise stated)
storage temperature ...................................................................... -55°C to +150°C
operating temperature ................................................................... -55°C to +125°C
lead soldering temperature
(1) ......................................................................... 240°C
maximum continuous current
(2) ..................................................................... 100mA
peak forward current (10
µs pulse width, 100pps) .............................................. 10A
maximum power dissipation
(3)...................................................................... 170mW
reverse voltage .................................................................................................... 3V
notes:
1.
0.06” (1.5mm) from the header for 5 seconds maximum. Maximum
temperature can be 260°C if wave soldering.
2.
Derate linearly 1.0mA/°C from 25°C free air temperature to TA = +125°C.
3.
Derate linearly 1.7mW/°C from 25°C free air temperature to TA = +125°C.
Clairex reserves the right to make changes at any time to improve design and to provide the best possible product.
®
electrical characteristics (TA = 25°C unless otherwise noted)
symbol
parameter
min
typ
max
units
test conditions
1.0
-
-
1.5
-
-
2.6
-
-
Ee
Irradiance
(1)
CLE230
CLE231
CLE232
CLE233
3.5
-
-
mW/cm
2
IF = 100ma
VF
Forward voltage
-
-
1.8
V
IF = 100ma
IR
Reverse current
-
-
10
µA
VR = 3.0V
λP
Peak emission wavelength
-
880
-
nm
IF = 100ma
BW
Spectral bandwidth at half power points
-
80
-
nm
IF = 20ma
ΘHP
Emission angle at half power points
-
40
-
deg.
IF = 20ma
tr
Output rise time
-
700
-
ns
IF = 100ma
tf
Output fall time
-
700
-
ns
IF = 100ma
note: 1. Measured into a 0.25” aperture, 1.20” from device lens.


Similar Part No. - CLE231

ManufacturerPart #DatasheetDescription
logo
Clairex Technologies, I...
CLE231 CLAIREX-CLE231 Datasheet
115Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
CLE231W CLAIREX-CLE231W Datasheet
114Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
More results

Similar Description - CLE231

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MGR2025CT MOTOROLA-MGR2025CT Datasheet
153Kb / 6P
Power Manager Gallium Arsenide Power Rectifier
MRFG35003M6T1 MOTOROLA-MRFG35003M6T1 Datasheet
337Kb / 8P
GALLIUM ARSENIDE PHEMT
logo
List of Unclassifed Man...
CLED155 ETC1-CLED155 Datasheet
54Kb / 2P
Gallium Aluminum Arsenide Infrared Emitting Diode
logo
Freescale Semiconductor...
MRFG35010ANT1 FREESCALE-MRFG35010ANT1 Datasheet
260Kb / 12P
Gallium Arsenide PHEMT
logo
Clairex Technologies, I...
CLE230 CLAIREX-CLE230 Datasheet
115Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
CLE230W CLAIREX-CLE230W Datasheet
114Kb / 1P
High Power Aluminum Gallium Arsenide IREDs
CLE320W CLAIREX-CLE320W Datasheet
106Kb / 1P
High Power Aluminum Gallium Arsenide 810nm IRED
CLE331E CLAIREX-CLE331E Datasheet
102Kb / 1P
Aluminum Gallium Arsenide IRED Point source Die
CLE331W CLAIREX-CLE331W Datasheet
104Kb / 1P
Aluminum Gallium Arsenide IRED Point Source Die
CLE367 CLAIREX-CLE367 Datasheet
98Kb / 1P
High Power Aluminum Gallium Arsenide IRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com