Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD8412B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MD8412B
Description  LINK(IEEE 1394)
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MD8412B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MD8412B Datasheet HTML 17Page - List of Unclassifed Manufacturers MD8412B Datasheet HTML 18Page - List of Unclassifed Manufacturers MD8412B Datasheet HTML 19Page - List of Unclassifed Manufacturers MD8412B Datasheet HTML 20Page - List of Unclassifed Manufacturers MD8412B Datasheet HTML 21Page - List of Unclassifed Manufacturers MD8412B Datasheet HTML 22Page - List of Unclassifed Manufacturers MD8412B Datasheet HTML 23Page - List of Unclassifed Manufacturers MD8412B Datasheet HTML 24Page - List of Unclassifed Manufacturers MD8412B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
MD8412B
Ver 1.10
FUJIFUILM MICRODEVICES CO., LTD.
9
Bit 0
TransmitEn: Transmit Enable bit (RW- Initial value: 1b)
0
= Transmitter disabled
1
= Transmitter enabled
Setting is made to decide if the MD8412B transmitter is enabled or not. In the case of enable, the following
transmission is performed:
- Asynchronous packet
- Cycle start packet with a cycle master bit enabled
- Isochronous packet for cycle start
This bit is automatically set at "1" when a request for bus reset is received from the PHY chip.
Bit 1
ReceiveEn: Receive Enable bit (RW- Initial value: 0b)
0
= Receiver disabled
1
= Receiver enabled
Setting is made to decide if the MD8412B receiver is enabled or not. In the case of enable, the following
reception is performed:
- Synchronous packet addressed from another node to this node
- Isochronous packet of the designated channel
- Reception in snoop mode
Bit 4
LPSOn: Ink power status on bit (RW- initial value: 0b)
This bit is used to control the LPS signal supplied to the PHY chip. According to the status of the DIRECT
terminal, contents of output are different.
Bit 7
PhyIFRST: PHY-LINK I/F Reset bit (RW- Initial value: 0b)
Selection is made to determine whether the initialization of PHY-LINK I/F is performed at the time of
default or at the timing defined by P1394a.
0
= Selection is performed at the timing of Default.
1
= Selection is performed at the timing defined by P1394a.
Bit 16
CycleTimerEn: Cycle Timer Enable bit (RW- Initial value: 1b)
0
= Cycle timer disabled
1
= Cycle timer enabled
Setting is made to decide if the MD8412B cycle timer is enabled or not.
Bit 17
CycleMaster: Cycle Master bit (RW- Initial value: 1b)
0
= Receiving a cycle start packet from a node in another route, cycle timer control is effected. To be set
at "1" when this node cannot belong to an ordinary route.
1
= When this bit is "1" cycle start packet is generated each time the MD8412B cycle timer carries.
DIRECT
LPSOn
LPS output
10
0
11
1
00
0
01
Approx. 0.6 to 3.6MHz
clock (Duty 33%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com