Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4002DB Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74HC4002DB
Description  Dual 4-input NOR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4002DB Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HC4002DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC4002DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC4002DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC4002DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC4002DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC4002DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC4002DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC4002DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4002DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4002
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 26 May 2016
6 of 15
Nexperia
74HC4002; 74HCT4002
Dual 4-input NOR gate
10. Dynamic characteristics
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for load circuit see Figure 8.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
74HC4002
tpd
propagation delay
nA, nB, nC or nD to nY;
see Figure 7
[1]
VCC = 2.0 V
-
30
100
125
150
ns
VCC = 4.5 V
-
11
20
25
30
ns
VCC = 6.0 V
-
9
17
21
26
ns
VCC =5.0 V; CL =15pF
-
9
-
-
-
ns
tt
transition time
see Figure 7
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
VCC = 6.0 V
-
6
13
16
19
ns
CPD
power dissipation
capacitance
per package; VI =GND to VCC
[3]
-16-
-
-
pF
74HCT4002
tpd
propagation delay
nA, nB, nC or nD to nY;
see Figure 7
[1]
VCC = 4.5 V
-
13
22
28
33
ns
VCC = 5.0 V; CL =15pF
-
11
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 7
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-22-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com