Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT4002DB Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74HCT4002DB
Description  Dual 4-input NOR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT4002DB Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74HCT4002DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT4002DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT4002DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT4002DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT4002DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT4002DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT4002DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT4002DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT4002DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT4002
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 26 May 2016
3 of 15
Nexperia
74HC4002; 74HCT4002
Dual 4-input NOR gate
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO14 package: Ptot derates linearly with 8 mW/K above 70 C.
For (T)SSOP14 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
Table 2.
Pin description
Symbol
Pin
Description
1Y
1
data output
1A, 1B, 1C, 1D
2, 3, 4, 5
data input
n.c.
6, 8
not connected
GND
7
ground (0 V)
2Y
13
data output
2A, 2B, 2C, 2D
9, 10, 11, 12
data input
VCC
14
supply voltage
Table 3.
Function table[1]
Input
Output
nA
nB
nC
nD
nY
LLLLH
H
XXXL
XH
XXL
XXH
XL
XXXH
L
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1]
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1]
-
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
SO14, and (T)SSOP14 packages
[2]
-500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com