Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HSOS
Description  OUTSIDE HUMIDITY TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HSOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HSOS Datasheet HTML 1Page - Greystone Energy Systems Inc. HSOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE HUMIDITY TRANSMITTER
HSOS SERIES
PRODUCT DESCRIPTION
The outside humidity transmitter uses a highly
accurate and reliable Thermoset Polymer based
capacitance humidity sensor and state-of-
the-art digital linearization and temperature
compensated circuitry to monitor humidity levels.
The sensor is encapsulated in a field replaceable
sensor hub for protection from the elements. A
weatherproof enclosure that provides ease of
installation is provided. An optional integrated
temperature sensor is available.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside transmitter should be mounted on an
outside North facing wall, under the eaves which
will provide protection from direct sunlight and
wind.
The outside transmitter can be mounted directly
to buildings wall face using the provided
mounting holes. There is a 0.86” hole for conduit
connection of the back of the enclosure.
SENSOR TYPE
Thermoset polymer based capacitive
SENSOR ACCURACY
±2, 3, or 5 %RH (5 to 95 %RH)
MEASUREMENT RANGE
0 to 100 %RH
RESOLUTION
±0.01 %RH
HYSTERESIS
±0.8 %RH @ 25°C (77°F)
RESPONSE TIME
8 seconds
STABILITY
<0.25% RH/year
AMBIENT OPERATING RANGE
-40 to 60°C (-40 to 140°F)
POWER SUPPLY
24 Vac/dc ~ ±10% typical
CONSUMPTION
22 mA maximum @24Vdc, 70mA @24Vac
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, 0-10 Vdc, or 0-1 Vdc (field selectable)
OUTPUT DRIVE @ 24 VDC
Current: 550Ω max
Voltage: 10,000Ω min
OPTIONAL TEMPERATURE SENSOR
Feed Through Sensor: Various RTD’s and thermistors available as 2 wire
resistance output
ENCLOSURE
A: Polycarbonate, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
OPTIONAL ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
82.5 mm
3.25”
69.8 mm
2.75”
52.0 mm
2.05”
76.2 mm
3.00”
25.4 mm
1.00”
25.4 mm
1.00”
0.5” NPT
North
OSA Temperature
Sensor


Similar Part No. - HSOS

ManufacturerPart #DatasheetDescription
logo
TEMEX
HSO-14 TEMEX-HSO-14 Datasheet
609Kb / 4P
Specific request can be addressed to RAKON
logo
Renesas Technology Corp
HSO-3530ARH/SAMPLE RENESAS-HSO-3530ARH/SAMPLE Datasheet
339Kb / 7P
Radiation Hardened Programmable Low Power Op Amps
Jun 18, 2018
logo
TEMEX
HSO13 TEMEX-HSO13 Datasheet
514Kb / 4P
10-13 Short-term stability class OCXO
logo
Rakon Limited
HSO13 RAKON-HSO13 Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
HSO13PTH10812V10M RAKON-HSO13PTH10812V10M Datasheet
648Kb / 3P
ULTRA STABLE OSCILLATOR (USO) | 10-13 SHORT-TERM STABILITY CLASS OCXO
5 July 2024
More results

Similar Description - HSOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-DWOS GREYSTONE-PS-DWOS Datasheet
298Kb / 2P
OUTSIDE DEWPOINT TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HNOB GREYSTONE-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HNOS GREYSTONE-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HSOB GREYSTONE-HSOB Datasheet
260Kb / 2P
OUTSIDE HUMIDITY TRANSMITTER
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
TXOB GREYSTONE-TXOB Datasheet
233Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
TXOS GREYSTONE-TXOS Datasheet
244Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com