Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTDT Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # HTDT
Description  DUCT HUMIDITY/TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HTDT Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  HTDT Datasheet HTML 1Page - Greystone Energy Systems Inc. HTDT Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
DUCT HUMIDITY/TEMPERATURE TRANSMITTER
HTDT SERIES
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
PRODUCT DESCRIPTION
The duct temperature and humidity transmitter
series uses a highly accurate and reliable
Thermoset Polymer based capacitance humidity
sensor and Platinum RTD temperature sensor
together with state-of-the-art digital linearization
and temperature compensated circuitry to
monitor humidity levels. The sensors are
encapsulated in a 228.60 mm (9”) long by 12.7
mm (0.5”) diameter S/S probe. A 60 micron HDPE
filter protects the sensor for contaminants. A
weatherproof Polycarbonate enclosure is provided
for ease of installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The duct type probes are installed through a hole
in the side of the duct to monitor a single point
humidity within the duct. Install the probe in
a straight section of duct at a suitable distance
downstream from any heating, cooling or
humidification devices.
Mounting tabs on the outside of the enclosure for
ease of installation.
A terminal block connection is provided. for
connection to the Building Automation System.
HUMIDITY SENSOR TYPE
Thermoset polymer based capacitive
TEMPERATURE SENSOR TYPE
1000Ω Platinum, IEC 751, 385 Alpha, thin film
HUMIDITY SENSOR ACCURACY
±2, 3, or 5 %RH (5 to 95 %RH)
TEMPERATURE SENSOR ACCURACY
±0.1% of span
SENSOR RESPONSE TIME
15 seconds typical
MEASUREMENT RANGE
0 to 100 %RH
HYSTERESIS
±1.5 %RH maximum
REPEATABILITY
±0.5 %RH typical
LINEARITY
±0.5 %RH typical
OPERATING TEMPERATURE
-40 to 50°C (-40 to 122°F)
OPERATING HUMIDITY
0 to 95 %RH non-condensing
POWER SUPPLY
18 to 35 Vdc, 15 to 26 Vac
CONSUMPTION
22 mA maximum
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc or 0-10 Vdc (factory configured)
OUTPUT DRIVE @ 24 VDC
Current: 550Ω max
Voltage: 10,000Ω min
INTERNAL ADJUSTMENTS
Clearly marked ZERO and SPAN pots
ENCLOSURE
B: Grey Polycarbonate, UL94-V0, IP65 (NEMA 4X)
F: Same as B, with thread adapter (1/2” NPT to M16) and cable gland fitting
PROBE
230mm (9”) length x 12.7mm (1/2”) diameter s/s with porous filter
TERMINATION
Screw terminal block (14 to 22 AWG)
WEIGHT
220g (7.8 oz) including probe
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
ACCESSORIES - INCLUDED WITH F STYLE ENCLOSURE
112.5 mm
4.43"
99.7 mm
3.925"
228.60 mm
9”
116.5 mm
4.585"
0.5" NPT
304 Series S/S Probe
53.7 mm
2.115"
12.70 mm
0.50"
60 micron HDPE filter


Similar Part No. - HTDT

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
HTD EDI-HTD Datasheet
41Kb / 2P
Operation High Voltage Rectifier Assemblies
logo
List of Unclassifed Man...
HTD ETC2-HTD Datasheet
925Kb / 14P
CONTACTOR 60 AMP
logo
Weller Tools
HTD WELLER-HTD Datasheet
80Kb / 4P
Soldering Tips
logo
RMT Ltd.
HTD04-059-08D12 RMT-HTD04-059-08D12 Datasheet
1Mb / 5P
Thermoelectric Solutions
HTD04-127-05D16 RMT-HTD04-127-05D16 Datasheet
1Mb / 5P
Thermoelectric Solutions
More results

Similar Description - HTDT

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
22DTH-51M BELIMO-22DTH-51M Datasheet
569Kb / 5P
Duct Sensor Humidity / Temperature
22DTH-51MB BELIMO-22DTH-51MB Datasheet
565Kb / 5P
Duct Sensor Humidity / Temperature
22DTH-53M BELIMO-22DTH-53M Datasheet
572Kb / 5P
Duct Sensor Humidity / Temperature
22DTH-55M BELIMO-22DTH-55M Datasheet
598Kb / 5P
Duct Sensor Humidity / Temperature
22DTH-56M BELIMO-22DTH-56M Datasheet
582Kb / 5P
Duct Sensor Humidity / Temperature
logo
Greystone Energy System...
PS-HAHSDT GREYSTONE-PS-HAHSDT Datasheet
322Kb / 2P
HIGH ACCURACY DUCT HUMIDITY TRANSMITTER
PS-CHTD GREYSTONE-PS-CHTD Datasheet
522Kb / 2P
DUCT CARBON DIOXIDE/HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTDT GREYSTONE-PS-HAHTDT Datasheet
275Kb / 2P
HIGH ACCURACY DUCT HUMIDITY/TEMPERATURE TRANSMITTER
HSDT GREYSTONE-HSDT Datasheet
317Kb / 2P
DUCT HUMIDITY TRANSMITTER
CHTDT GREYSTONE-CHTDT Datasheet
522Kb / 2P
DUCT CARBON DIOXIDE/HUMIDITY/TEMPERATURE TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com