Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTOB Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # HTOB
Description  OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

HTOB Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  HTOB Datasheet HTML 1Page - Greystone Energy Systems Inc. HTOB Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-HTOBXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
24 Vac/dc
COM
Common
TEMP
Analog Output
RH
Analog Output
PRODUCT
HTOB
Outside Humidity/Temperature Transmitter
ENCLOSURE
B
Polycarbonate with hinged and gasketed cover
RH ACCURACY
2
3
5
2%
3%
5%
TEMPERATURE SENSOR
12
1000Ω Platinum, IEC 751, 385 Alpha, thin film
OUTPUT SIGNALS (RH AND TEMPERATURE)
A
D
E
4-20 mA
0-5 Vdc
0-10 Vdc
TEMPERATURE SPAN
001
002
006
0 to 35°C (32 to 95°F)
0 to 50°C (32 to 122°F)
-50 to 50°C (-58 to 122°F)
ORDERING
HTOB
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com