Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # SPC
Description  HUMIDITY / TEMPERATURE TRANSMITTER C/W SETPOINT ADJUSTMENTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

SPC Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  SPC Datasheet HTML 1Page - Greystone Energy Systems Inc. SPC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
HUMIDITY / TEMPERATURE TRANSMITTER C/W SETPOINT ADJUSTMENTS
SPC SERIES
PRODUCT DESCRIPTION
The SPC Temperature/Humidity transmitter incorporates
two sensors in one attractive wall mount enclosure for
the most efficient environmental monitoring and control
system. It uses a field-proven RH senor to monitor relative
humidity and a curve-matched thermistor to measure
temperature.
Two setpoint controls are also available for temperature
and humidity adjustment. The device may also include
an occupancy override button. Both measurements and
setpoint signals are available on separate outputs as linear
4-20 mA, 0-5 or 0-10 Vdc signals.
Several configurations of the device are available with
one to four outputs as required. An LCD is included for
configuration and local indication of all parameters. Several
operating parameters can be programmed using a keypad
for specific applications including four temperature ranges
and °C / °F display.
TYPICAL INSTALLATION
For complete installation and wiring details, please
refer to the product installation instructions.
The SPC series can be mounted directly to a single gang
electrical box or directly to a wall. Insulation foam is
adhered to the back of the enclosure to provide a thermal
barrier from wall temperatures.
A terminal block connection is provided for connection to
the Building Automation System.
POWER SUPPLY
24 Vac/dc ±10 % (non-isolated half-wave rectified)
CONSUMPTION
20 mA + (20 mA x number of outputs) max @ 24 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
OUTPUT SIGNALS
4-20 mA active (sourcing) or 0-5 Vdc or 0-10 Vdc (specify when ordering)
OUTPUT RESOLUTION
10 bit for all signals
OUTPUT DRIVE CAPABILITY
Current: 550 Ω max
Voltage: 10,000 Ω min
PROGRAMMING AND SELECTION
Via internal pushbuttons and on-screen menu
AMBIENT OPERATING RANGE
0 to 50°C (32 to 122°F) 0-95 %RH non-condensing
WIRING CONDITIONS
Screw terminal block (14 to 22 AWG)
ENCLOSURE
Ratings: White ABS - IP30 (NEMA 1)
Dimensions: 84mm W x 117mm H x 29mm D (3.3” x 4.6” x 1.15”)
LCD DISPLAY
Size: 38.1mm x 16.5mm (1.5” x 0.65”)
Digit Height: 11.43mm (0.45”)
Symbols: °C, °F, %RH, OCC
Backlight: Enable or disable via menu
TEMPERATURE
Sensor: Curve-matched thermistor
Accuracy: ±0.2°C (±0.4°F)
Range: 0 to 35°C (32 to 95°F) or 0 to 50°C (32 to 122°F) programmable
Offset: ±5.0°C programmable
Display Units: °C or °F programmable
Display Resolution: 0.1° < 100, 1° > 100
TEMPERATURE SETPOINT
Midpoint: 18 to 27°C (65 to 80°F) programmable
Range: ±2 to ±10°C (±5 to ±20°F) of the midpoint, programmable
Resolution: 0.5 or 1.0°C and 1.0 or 2°F programmable
HUMIDITY
Sensor: Thermoset polymer based capacitive
Accuracy: ±2, 3 or 5 %RH (5 to 95 %RH)
Range: 0 to 100 %RH
Hysteresis: ±0.8 %RH @ 25
°C (77°F)
Response Time: 8 seconds typical
Offset: ±20 %RH programmable
Stability: <0.25 %RH/year
HUMIDITY SETPOINT
Midpoint: 20 to 70 %RH programmable
Range: ±5, ±10 or ±20 %RH of the midpoint, programmable
Resolution: 1 %RH
OPTIONAL OCCUPIED INPUT
(INCLUDED WITH OVERRIDE OPTION)
Type: Digital input, 0-5 Vdc standard, active low
Logic: Active low or active high, programmable
Action: Causes “OCC” segment to light on LCD
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
58mm
2.3”
82.6mm
3.25”
29mm
1.15”
119mm
4.7”
84mm
3.3”


Similar Part No. - SPC

ManufacturerPart #DatasheetDescription
logo
StarHope
SPC SPSEMI-SPC Datasheet
724Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
logo
IDEM Safety Switches
SPC IDEM-SAFETY-SPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
logo
Source Photonics, Inc.
SPC-03-ELR-47CDA SOURCE-SPC-03-ELR-47CDA Datasheet
497Kb / 9P
155 Mbps CWDM SFP Transceiver
SPC-03-ELR-47CNA SOURCE-SPC-03-ELR-47CNA Datasheet
497Kb / 9P
155 Mbps CWDM SFP Transceiver
SPC-03-ELR-47TDA SOURCE-SPC-03-ELR-47TDA Datasheet
497Kb / 9P
155 Mbps CWDM SFP Transceiver
More results

Similar Description - SPC

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-HASPC GREYSTONE-PS-HASPC Datasheet
200Kb / 2P
HIGH ACCURACY HUMIDITY / TEMPERATURE TRANSMITTER C/W SETPOINT ADJUSTMENTS
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTDT GREYSTONE-HTDT Datasheet
274Kb / 2P
DUCT HUMIDITY/TEMPERATURE TRANSMITTER
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTRC GREYSTONE-HTRC Datasheet
226Kb / 2P
ROOM HUMIDITY / TEMPERATURE TRANSMITTER
RH110B GREYSTONE-RH110B Datasheet
196Kb / 2P
ROOM HUMIDITY/TEMPERATURE TRANSMITTER
logo
Vaisala
HMT310 VAISALA-HMT310 Datasheet
585Kb / 3P
Humidity and Temperature Transmitter
PTU300 VAISALA-PTU300 Datasheet
5Mb / 5P
Combined Pressure, Humidity and Temperature Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com