Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSOS
Description  OUTSIDE TEMPERATURE SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSOS Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TSOSXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
OUTSIDE TEMPERATURE SENSOR
TSOS SERIES
PRODUCT DESCRIPTION
The single point outside air temperature sensor
utilizes a precision sensor encapsulated in an
aluminum probe. All probes are constructed to
provide excellent heat transfer, fast response, and
are potted to resist moisture penetration. A compact
weatherproof Polycarbonate enclosure with a
hinged and gasketed cover is provided for ease of
installation.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside sensor should be mounted on an
outside north facing wall, under the eaves to provide
protection from direct sunlight.
The outside sensor can be mounted directly to the
building’s wall face using the provided mounting
holes. A 0.85” hole for conduit connection or cable
gland fitting is provided.
SENSOR TYPE
Thermistors or RTD (see ordering chart)
SENSOR ACCURACY
Thermistors: ±0.2°C (±0.36°F) @ 25°C (77°F)
Platinum RTD’s: ±0.3°C (±0.54°F) @ 0°C (32°F)
Nickel RTD’s: ±0.4°C (±0.72°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 50°C (-40 to 122°F)
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
ENCLOSURE
A: Polycarbonate, UL94-V0, IP65 (NEMA 4X)
C: same as A, includes terminal block
E: Same as C, includes cable gland fitting
TERMINATION
A: Pigtail, 2 or 3 wire
C & E: Terminal block, 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
PRODUCT
TSOS Outside Temperature Sensor
ENCLOSURE
A
C
E
Polycarbonate, with hinged and gasketed cover
Same as A, with terminal block
Same as C, with thread adapter (1/2” NPT to M16) and cable gland fitting
SENSOR
02X
05X
06X
07X
08X
12X
13X
14X
20X
24X
59X
100 Ω Platinum, IEC 751, 385 Alpha, thin film
1801 Ω NTC Thermistor, ±0.2°C
3000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 3, NTC Thermistor, ±0.2°C
2.252K Ω NTC Thermistor, ±0.2°C
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
1000 Ω Nickel, Class B, DIN 43760
10,000 Ω Type 3, NTC Thermistor, ±0.2°C c/w 11K shunt resistor
20,000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 2, NTC Thermistor, ±0.2°C
10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
ORDERING
TSOS
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
North
OSA Temperature
Sensor
82.5 mm
3.75"
69.8 mm
2.75"
57.2 mm
2.075"
0.5" NPT


Similar Part No. - TSOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
TSOB GREYSTONE-TSOB Datasheet
228Kb / 2P
OUTSIDE TEMPERATURE SENSOR
logo
ELM Technology Corporat...
TSON8-2X2 ELM-TECH-TSON8-2X2 Datasheet
172Kb / 1P
Package, Reel, Taping
logo
Amkor Technology
TSON8-FL AMKOR-TSON8-FL Datasheet
740Kb / 2P
Bare copper leadframe with no plating
TSON8-FL-V01 AMKOR-TSON8-FL-V01 Datasheet
928Kb / 2P
TSON8-FL (Flat Lead) is a smaller package (3.3 x 3.3 mm) with thermal enhancments that give a 64% reduction in footprint area compared with standard SOIC 8 ld package
02/21
logo
Vishay Siliconix
TSOP-6 VISHAY-TSOP-6 Datasheet
214Kb / 11P
Automotive N-Channel 40 V (D-S) 175 °C MOSFET
07-Nov-11
More results

Similar Description - TSOS

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
01UT-5A BELIMO-01UT-5A Datasheet
432Kb / 3P
Outside Temperature Sensor
22UT-52 BELIMO-22UT-52 Datasheet
529Kb / 4P
Outside Temperature Sensor
22UT-54 BELIMO-22UT-54 Datasheet
515Kb / 4P
Outside Temperature Sensor
logo
Greystone Energy System...
PS-HNOB GREYSTONE-PS-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
PS-HNOS GREYSTONE-PS-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
PS-TNOS GREYSTONE-PS-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
05/20
HNOB GREYSTONE-HNOB Datasheet
371Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
HNOS GREYSTONE-HNOS Datasheet
353Kb / 2P
NETWORK OUTSIDE HUMIDITY/TEMPERATURE SENSOR
TNOS GREYSTONE-TNOS Datasheet
255Kb / 2P
OUTSIDE NETWORK TEMPERATURE SENSOR
TSOB GREYSTONE-TSOB Datasheet
228Kb / 2P
OUTSIDE TEMPERATURE SENSOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com