Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSL Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TSSL
Description  SLAB TEMPERATURE SENSOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TSSL Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TSSL Datasheet HTML 1Page - Greystone Energy Systems Inc. TSSL Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
SLAB TEMPERATURE SENSOR
TSSL SERIES
PRODUCT DESCRIPTION
The TSSL single point slab temperature sensor
utilizes a precision sensor encapsulated in a
thermal conductive coating (ZW, FT & MP) and
used to measure the temperature of a concrete
slab. The MS is encapsulated and potted in a 12.7
mm (0.5”)D X 101.5 mm (4”)L double walled, S/S
probe that allows for total liquid submersion. They
are available with various sensor types, wire types
and lengths. All probes are constructed to provide
excellent heat transfer, fast response and to resist
moisture penetration.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
ZW, FT & MP: Typically a predetermined area is
defined where the temperature reading is required.
During concrete installation a sufficent length
of conduit or copper tubing is imbedded from
this point to an area that will be accessible once
complete. At the entrance to the sensor chamber,
unravel the TSSL and carefully insert sensor and feed
into chamber until the chamber end is reached.
MS: Unravel the sensor and lower the probe in the
tank until below the liquid line or at desired depth.
Secure cable to maintain depth. The probe may
also be attached to the tank wall with some form of
clamp at desired depth.
SENSOR TYPE
Various Thermistor or RTD
TEMPERATURE RANGE
ZW: -20 to 105°C (-4 to 221°F)
FT: -20 to 60°C (-4 to 140°F)
MP/MS: -20 to 80°C (-4 to 176°F)
WIRE MATERIAL
ZW: PVC Zip wire, 22 AWG
FT: Plenum rated FT-6, 22 AWG
MP: EPC Moisture proof, 20 AWG
MS: EPC Moisture proof, 20 AWG
PROBE
MS: Double walled, 304 S/S, 12.7mm D x 101.5mm L (0.5” x 4”)
TERMINATION
Pigtail 2 or 3 wire
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
Sensor chamber previously
embedded in slab
Water Tank
Sealed Sensor
B
Various lengths
available
A
Model
A
B
ZW, FT, MP
25.4mm (1”)
6.35mm (0.25”)
MS
101.6mm (4”)
12.7mm (0.5”)
ZW, FT or MP
MS


Similar Part No. - TSSL

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TSS MACOM-TSS Datasheet
305Kb / 6P
Slide Switches, Vertical, Single or Dual Actuator
logo
Littelfuse
TSS LITTELFUSE-TSS Datasheet
528Kb / 2P
Time Delay Relays - Dedicated - Single Shot
2016 Rev: 1-A-062216
logo
Samtec, Inc
TSS SAMTEC-TSS Datasheet
532Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
RCD COMPONENTS INC.
TSS-104-M RCD-TSS-104-M Datasheet
57Kb / 1P
TANTALUM CHIP TANGOLDTM CAPACITORS
logo
Mini-Circuits
TSS-13HLN MINI-TSS-13HLN Datasheet
318Kb / 5P
Monolithic Amplifier
More results

Similar Description - TSSL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com