Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXDF Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # TXDF
Description  FLEX-DUCT AVERAGE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TXDF Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  TXDF Datasheet HTML 1Page - Greystone Energy Systems Inc. TXDF Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-TXDFXXX-03
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
PRODUCT
TXDF
Flexible Cable Duct Average Temperature Transmitter
ENCLOSURE
A
E
ABS, with hinged and gasketed cover
Same as A, with thread adapter and cable gland fitting
SENSOR
12
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
PROBE LENGTH
I
J
K
L
1800mm (6’)
(4 sensors)
3600mm (12’)
(4 sensors)
6100mm (20’)
(4 sensors)
7300mm (24’)
(9 sensors)
OUTPUT
A
D
E
4-20 mA
0-5 Vdc
0-10 Vdc
SCALED RANGE
001
002
*
0 to 35°C (32 to 95°F)
0 to 50°C (32 to 122°F)
Additional ranges available
ORDERING
TXDF
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
WIRING INFORMATION
TERMINAL
FUNCTION
PWR
Power Supply
OUT
Analog Output
COM
Common
NEG
SEN
Temperature Sensor Input
EXC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com