Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9205/ACS Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9205/ACS
Description  Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9205/ACS Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9205/ACS Datasheet HTML 8Page - Richtek Technology Corporation RT9205/ACS Datasheet HTML 9Page - Richtek Technology Corporation RT9205/ACS Datasheet HTML 10Page - Richtek Technology Corporation RT9205/ACS Datasheet HTML 11Page - Richtek Technology Corporation RT9205/ACS Datasheet HTML 12Page - Richtek Technology Corporation RT9205/ACS Datasheet HTML 13Page - Richtek Technology Corporation RT9205/ACS Datasheet HTML 14Page - Richtek Technology Corporation RT9205/ACS Datasheet HTML 15Page - Richtek Technology Corporation RT9205/ACS Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
RT9205/A
Preliminary
www.richtek.com
DS9205/A-03 May 2003
14
MOSFETs and the load. Also locate the PWM
controller near by MOSFETs.
A multi-layer printed circuit board is recommended.
Fig.13 shows the connections of the critical
components in the converter. Note that the capacitors
CIN and COUT represent numerous physical
capacitors. Use a dedicated grounding plane and use
vias to ground all critical components to this layer.
Apply another solid layer as a power plane and cut
this plane into smaller islands of common voltage
levels. The power plane should support the input
power and output power nodes. Use copper filled
polygons on the top and bottom circuit layers for the
PHASE node, but it is not necessary to oversize this
particular island. Since the PHASE node is subjected
to very high dV/dt voltages, the stray capacitance
formed between these islands and the surrounding
circuitry will tend to couple switching noise. Use the
remaining printed circuit layers for small signal
routing. The PCB traces between the PWM controller
and the gate of MOSFET and also the traces
connecting source of MOSFETs should be sized to
carry 2A peak currents.
Fig. 13
+
+
+
LOAD
RT9205/A
VCC
GND
FB
LGATE
UGATE
VOUT
IQ1
IL
Q1
Q2
IQ2
5V
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com