Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL161010WF-R10 Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TCFL161010WF-R10
Description  Ferrite Shielded Inductor SMD (1.8 x 1.2 x 1.2 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL161010WF-R10 Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TCFL161010WF-R10 Datasheet HTML 1Page - Transko Electronics, Inc. TCFL161010WF-R10 Datasheet HTML 2Page - Transko Electronics, Inc. TCFL161010WF-R10 Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCFL161010WF Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 08-03-2020
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
SCHEMATIC
REFLOW PROFILE
SOLDER PATTERN
Unit: mm
DIMENSIONS
A
1.80
MAX
B
1.20
MAX
C
1.20
MAX
D
0.45
REF
E
0.80
REF
F
0.35
REF
G
0.80
REF
Unit : mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com