Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL1008CF-R10 Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TCFL1008CF-R10
Description  Ceramic Chip Inductor (2.92 x 2.79 x 2.03 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL1008CF-R10 Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TCFL1008CF-R10 Datasheet HTML 1Page - Transko Electronics, Inc. TCFL1008CF-R10 Datasheet HTML 2Page - Transko Electronics, Inc. TCFL1008CF-R10 Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCFL1008CF
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 06-05-2020
DIMENSIONS
SOLDER PATTERN
Unit: mm
A
B
C
D
F
G
D1
D2
D3
mm
2.92 Max
2.79 Max
2.03 Max
1.30
0.55
1.60
3.30
1.27
2.90
ELECTRODE TERMINAL
L vs FREQUENCY
Q vs FREQUENCY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com