Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCFL0603CF-R22 Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TCFL0603CF-R22
Description  Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TCFL0603CF-R22 Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TCFL0603CF-R22 Datasheet HTML 1Page - Transko Electronics, Inc. TCFL0603CF-R22 Datasheet HTML 2Page - Transko Electronics, Inc. TCFL0603CF-R22 Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCFL0603CF
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 06-05-2020
Part Number
L (nH) / @MHz
Inductance
tolerance
Q min
/@MHz
SRF (MHz)
min.
DCR
(Ω) Max
IDC (mA)
Max
TCFL0603CF-72N_
72 / 150
G,J,K
34 / 150
1700
0.490
400
TCFL0603CF-82N_
82 / 150
G,J,K
34 / 150
1700
0.540
400
TCFL0603CF-91N_
91 / 150
G,J,K
34 / 150
1500
0.560
400
TCFL0603CF-R10_
100 / 150
G,J,K
34 / 150
1400
0.580
400
TCFL0603CF-R11_
110 / 150
G,J,K
32 / 150
1350
0.610
300
TCFL0603CF-R12_
120 / 150
G,J,K
32 / 150
1300
0.750
300
TCFL0603CF-R15_
150 / 150
G,J,K
28 / 150
990
0.920
280
TCFL0603CF-R17_
170 / 100
G,J,K
25 / 100
990
1.150
240
TCFL0603CF-R18_
180 / 100
G,J,K
25 / 100
990
1.250
240
TCFL0603CF-R19_
190 / 100
G,J,K
25 / 100
990
1.350
200
TCFL0603CF-R20_
200 / 100
G,J,K
25 / 100
990
1.500
200
TCFL0603CF-R22_
220 / 100
G,J,K
25 / 100
900
1.600
250
TCFL0603CF-R27_
270 / 100
G,J,K
24 / 100
900
2.000
170
TCFL0603CF-R33_
330 / 100
G,J,K
25 / 100
900
2.750
100
TCFL0603CF-R34_
340 / 100
G,J,K
25 / 100
900
2.900
100
TCFL0603CF-R39_
390 / 100
G,J,K
25 / 100
900
3.150
100
TCFL0603CF-R47_
470 / 100
G,J,K
25 / 100
750
4.000
80
● Inductance tolerance: Letter at end of part number: G = ±2% ; J = ±5% ; K = ±10%
● Specifications are measured using HP E4991A
DIMENSIONS
SOLDER PATTERN
Unit: mm
A
B
C
D
F
G
D1
D2
D3
mm
1.80 Max
1.20 Max
1.20 Max
0.38
0.35
1.00
1.92
0.64
1.26
ELECTRODE TERMINAL
L vs FREQUENCY
Q vs FREQUENCY



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com