Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIC04020F-R47M Datasheet(PDF) 3 Page - Transko Electronics, Inc.

Part # TMPIC04020F-R47M
Description  Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIC04020F-R47M Datasheet(HTML) 3 Page - Transko Electronics, Inc.

  TMPIC04020F-R47M Datasheet HTML 1Page - Transko Electronics, Inc. TMPIC04020F-R47M Datasheet HTML 2Page - Transko Electronics, Inc. TMPIC04020F-R47M Datasheet HTML 3Page - Transko Electronics, Inc. TMPIC04020F-R47M Datasheet HTML 4Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TMPIC04020F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 05
-
09
-
2018
REEL DIMENSIONS (2000 pcs per reel)
W1
12.00 ±0.3
G
2.00 ±0.1
B0
4.80 ±0.1
I
1.75 ±0.1
P1
8.00 ±0.1
K0
2.50 ±0.15
F
5.50 ±0.1
A0
4.50 ±0.1
P
4.00 ±0.1
T
0.35 ±0.05
A
B
mm
12.5 ±0.2
2.0 ±0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com