Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIC07030F-R47M Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TMPIC07030F-R47M
Description  Power Inductor SMD (6.8 X 7.3 X 3.0mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIC07030F-R47M Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TMPIC07030F-R47M Datasheet HTML 1Page - Transko Electronics, Inc. TMPIC07030F-R47M Datasheet HTML 2Page - Transko Electronics, Inc. TMPIC07030F-R47M Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMPIC07030 Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 2: 04
-
15
-
2019
REEL DIMENSIONS (1500 pcs per reel)
W
D
C
T1
N
T2
E
mm
330 ±1.5
21.5 +0.5 / -0
13 +0.5 / -0.2
24.0+0.5 / -0
100 ±1.5
26.0 ±0.4
2.00 ±0.5
A0
B0
K0
t
mm
7.2 ±0.10
7.5 ±0.10
3.6 ±0.15
0.35 ±0.05



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com