Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5746 Datasheet(PDF) 13 Page - NEC

Part # 2SC5746
Description  NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE 3-PIN LEAD-LESS MINIMOLD
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5746 Datasheet(HTML) 13 Page - NEC

Back Button 2SC5746 Datasheet HTML 9Page - NEC 2SC5746 Datasheet HTML 10Page - NEC 2SC5746 Datasheet HTML 11Page - NEC 2SC5746 Datasheet HTML 12Page - NEC 2SC5746 Datasheet HTML 13Page - NEC 2SC5746 Datasheet HTML 14Page - NEC 2SC5746 Datasheet HTML 15Page - NEC 2SC5746 Datasheet HTML 16Page - NEC 2SC5746 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet PU10007EJ02V0DS
13
2SC5746
VCE = 1 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.ANG.MAG.ANG.MAG.ANG.MAG.ANG.
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.523
0.539
0.546
0.544
0.549
0.552
0.557
0.561
0.565
0.568
0.575
0.578
0.583
0.589
0.594
0.602
0.599
0.605
0.611
0.610
0.617
0.619
0.623
0.625
0.628
0.629
0.627
0.632
0.627
0.633
0.677
0.723
−107.1
−141.2
−156.9
−166.6
−173.0
−178.1
177.7
174.2
171.0
168.2
165.5
163.3
161.0
159.0
157.2
155.3
153.5
151.9
150.1
148.4
146.7
145.3
143.6
141.9
140.4
138.9
137.5
136.1
134.2
132.5
120.2
111.1
28.056
16.732
11.598
8.807
7.079
5.913
5.093
4.466
3.979
3.578
3.269
2.987
2.770
2.580
2.415
2.274
2.149
2.036
1.934
1.854
1.760
1.694
1.624
1.566
1.509
1.459
1.410
1.370
1.324
1.281
0.992
0.823
125.1
106.3
97.2
91.7
87.0
83.5
80.2
77.2
74.4
72.1
69.5
67.2
65.0
62.7
60.6
58.4
56.4
54.5
52.7
51.0
49.1
47.3
45.4
43.8
42.0
40.5
38.9
37.6
36.1
34.2
20.1
8.8
0.026
0.038
0.045
0.054
0.062
0.071
0.080
0.089
0.099
0.108
0.117
0.126
0.136
0.144
0.154
0.163
0.172
0.181
0.190
0.199
0.208
0.216
0.226
0.235
0.244
0.252
0.261
0.269
0.276
0.286
0.363
0.421
54.7
52.3
54.3
57.6
59.9
61.8
62.7
63.5
63.8
64.1
64.2
64.0
63.9
63.6
63.5
62.9
62.5
62.0
61.2
60.8
60.0
59.4
58.9
58.1
57.5
56.7
55.8
55.2
54.1
53.3
44.3
34.9
0.593
0.363
0.268
0.220
0.194
0.180
0.173
0.170
0.171
0.172
0.176
0.181
0.186
0.192
0.198
0.205
0.212
0.218
0.225
0.231
0.237
0.244
0.250
0.256
0.262
0.267
0.271
0.275
0.279
0.282
0.343
0.416
−60.7
−85.6
−100.5
−111.9
−121.3
−129.4
−136.1
−141.9
−146.9
−151.3
−154.8
−158.0
−160.5
−162.7
−164.5
−166.1
−167.6
−169.1
−170.2
−171.2
−172.1
−173.0
−173.6
−174.1
−174.9
−175.6
−176.6
−177.1
−178.2
−179.3
164.6
143.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com