Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5979 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5979
Description  NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5979 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5979 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5979 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5979 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5979 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5979
No.8070-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Gain-Bandwidth Product
fT
VCE=10V, IC=500mA
400
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
15
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=50mA
70
105
mV
IC=2A, IB=100mA
120
180
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2A, IB=100mA
0.88
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=100µA, RBE=0
100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0
6
V
Turn-ON Time
ton
See specified Test Circuit.
35
ns
Storage Time
tstg
See specified Test Circuit.
300
ns
Fall Time
tf
See specified Test Circuit.
20
ns
Package Dimensions
Package Dimensions
unit : mm
unit : mm
2045B
2044B
Switching Time Test Circuit
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
5.0
6.5
0.85
0.7
0.6
0.5
1.2
2.3
0.5
1
23
4
2.3
2.3
VR10
RB
VCC=25V
IC=10IB1= --10IB2=1A
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
470
µF
100
µF
PW=20
µs
IB1
D.C.
≤1%
IB2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA
6.5
2.3
0.5
5.0
0.85
0.5
1.2
0 to 0.2
2.3
2.3
0.6
12
4
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com