Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC258 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPC258
Description  Low Noise Dual Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC258 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPC258 Datasheet HTML 1Page - Renesas Technology Corp UPC258 Datasheet HTML 2Page - Renesas Technology Corp UPC258 Datasheet HTML 3Page - Renesas Technology Corp UPC258 Datasheet HTML 4Page - Renesas Technology Corp UPC258 Datasheet HTML 5Page - Renesas Technology Corp UPC258 Datasheet HTML 6Page - Renesas Technology Corp UPC258 Datasheet HTML 7Page - Renesas Technology Corp UPC258 Datasheet HTML 8Page - Renesas Technology Corp UPC258 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
μPC258, 4558
R03DS0145EJ0100 Rev.1.00
Page 2 of 9
2019.06.13
EQUIVALENT CIRCUIT (1/2 Circuit)
PIN CONFIGURATION (Top View)
ABSOLUTE MAXIMUM RATINGS (TA = 25
C)
PARAMETER
SYMBOL
μPC258G2
μPC258G2(5)
μPC4558G2
μPC4558G2(5)
UNIT
Supply Voltage Note1
V + - V -
-0.3 ~ +36
V
Differential Input Voltage
VID
±30
V
Input Voltage Note2
VI
V - -0.3 ~ V + +0.3
V
Output Applied Voltage Note3
VO
V - -0.3 ~ V + +0.3
V
Total Power Dissipation Note4
PT
440
mW
Output Short Circuit Duration Note5
indefinite
s
Operating Ambient Temperature
TA
-40 ~ +85
-20 ~ +80
C
Storage Temperature
Tstg
-55 ~ +125
C
[Note]
1. Note that reverse connections of the power supply may damage the ICs.
2. The input terminal must be apply within the input voltage range to avoid deteriorating or damaging the device
characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-Amp
input voltage must operates within the electrical characteristics range of input common-mode voltage.
3. The output terminal must be apply within the output voltage range to avoid deteriorating or damaging the
device characteristic. Do not exceed the ratings including during transition state such as ON/OFF, etc. The Op-
Amp output voltage must operates within the electrical characteristics range of maximum output voltage.
4. This is the value at TA ≦ +25
C. De-rate value at -4.4 mW/C when TA > 25 C.
5. Please use the total loss and the de-rating value from Note 4.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Power Supply Voltage
V ±
±4
±16
V
Q3
Q2
IN
Q4
Q1
II
C1 R3
Q6
R4
Q10
R5
Q9
Q8
Q7
Q5
R1
Q11
R6
Q12
Q14
Q13
OUT
V -
Q15
V +
R2
R8
R7
R9
D
C2
1
OUT1
6
V +
II1 2
IN1
V -
8
OUT2
7
4
3II2
IN2
1
-+
2
+ -
5
µPC258G2, μPC4558G2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com