Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC337 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC337
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC337 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC337 Datasheet HTML 1Page - Renesas Technology Corp UPC337 Datasheet HTML 2Page - Renesas Technology Corp UPC337 Datasheet HTML 3Page - Renesas Technology Corp UPC337 Datasheet HTML 4Page - Renesas Technology Corp UPC337 Datasheet HTML 5Page - Renesas Technology Corp UPC337 Datasheet HTML 6Page - Renesas Technology Corp UPC337 Datasheet HTML 7Page - Renesas Technology Corp UPC337 Datasheet HTML 8Page - Renesas Technology Corp UPC337 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet G13783EJ3V0DS
2
μ PC337
VO (V)
R2 (
Ω : TYP.)
−2.5
120
−5.0
360
−12
1032
−24
2184
−30
2760
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Rating
Unit
Input-Output Voltage Differential
VIN
− VO
−40
V
Total Power Dissipation (TC = 25
°C)
PT
15
Note
W
Operating Ambient Temperature
TA
−20 to +85
°C
Operating Junction Temperature
TJ
−20 to +150
°C
Storage Temperature
Tstg
−65 to +150
°C
Thermal Resistance (junction to case)
Rth (J–C)
7
°C/W
Thermal Resistance (junction to ambient)
Rth (J–A)
65
°C/W
Note Internally limited.
When operating junction temperature rise above 150
°C, the internal protection circuit shutdown output voltage.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
TYPICAL CONNECTION
PC337
INPUT
OUTPUT
CADJ
10 F
VO
D1
D2
R2
ADJ
R1
120
Ω
CIN
1 F
CO
4.7 F
VIN
+
+
μ
μ
μ
μ
Remark
R1, R2 : Resistor to set the output voltage.
VO = (1 +
)
• VREF + IADJ • R2 ≅ (1 +
)
• VREF
CIN
: Need to stop the oscillation for the long input wire length.
CO
: Need to stop the oscillation for the long output wire length.
Improve the transient stability of the output voltage when the load current is suddenly changed.
CADJ : Improve the ripple rejection and the oscillate rejection.
D1
: Protect against CADJ when output pin is shorted.
D2
: Need for VIN
> VO.
<R>
R2
R1
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com