Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC358C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC358C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC358C Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC358C Datasheet HTML 1Page - Renesas Technology Corp UPC358C Datasheet HTML 2Page - Renesas Technology Corp UPC358C Datasheet HTML 3Page - Renesas Technology Corp UPC358C Datasheet HTML 4Page - Renesas Technology Corp UPC358C Datasheet HTML 5Page - Renesas Technology Corp UPC358C Datasheet HTML 6Page - Renesas Technology Corp UPC358C Datasheet HTML 7Page - Renesas Technology Corp UPC358C Datasheet HTML 8Page - Renesas Technology Corp UPC358C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DATA SHEET
1997
The mark <R> shows major revised points.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC358
Document No. G11765EJ6V0DS00 (6th edition)
Date Published December 2007 N
Printed in Japan
LOW POWER DUAL OPERATIONAL AMPLIFIERS
DESCRIPTION
The
µPC358 is a dual operational amplifier which is
designed to operate from a single power supply over a
wide range of voltages.
Operation from split power
supplies is also possible and the power supply current
drain is very low. Further advantage, the input common-
mode voltage range includes ground in the linear mode.
FEATURES
•
Internally frequency compensation
•
Wide output voltage swing V– to V+ –1.5 V
•
Common mode input voltage range includes V–
•
Wide supply voltage range
3 V to 30 V (Single)
±1.5 V to ±15 V (Split)
•
Output short circuit protection
EQUIVALENT CIRCUIT (1/2 Circuit)
V+
V–
OUT
Q6
Q5
Q7
Q13
Q12
Q11
Q10
Q9
Q8
Q4
Q3
Q2
Q1
CC
II
IN
RSC
6 A
µ
6 A
µ
100 A
µ
50 A
µ
PIN CONFIGURATION (Marking Side)
OUT1
II1
IN1
V
–
V
+
OUT2
II2
IN2
1
2
3
4
8
7
6
5
+
–
1
–
+
2
PC358C, 358G2
µ
ORDERING INFORMATION
Part Number
Package
µPC358C
8-pin plastic DIP (7.62 mm (300))
µPC358G2
8-pin plastic SOP (5.72 mm (225))
µPC358G2(5)
8-pin plastic SOP (5.72 mm (225))
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com