Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TXOS Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # TXOS
Description  OUTSIDE TEMPERATURE TRANSMITTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

TXOS Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  TXOS Datasheet HTML 1Page - Greystone Energy Systems Inc. TXOS Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GREYSTONE HAS AN ISO 9001 REGISTERED QUALITY SYSTEM
OUTSIDE TEMPERATURE TRANSMITTER
TXOS SERIES
PRODUCT DESCRIPTION
The single point outside temperature transmitter
utilizes a precision platinum RTD sensor. All probes
are constructed to provide excellent heat transfer,
fast response and are potted to resist moisture
penetration. It is provided in a weatherproof
Polycarbonate enclosure. A transmitter that
provides a high accuracy signal with excellent long
term stability, low hysteresis and fast response is
available with various ranges.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The outside temperature transmitter should be
mounted on an outside north facing wall, under
the eaves which will provide protection from direct
sunlight.
The outside temperature sensor can be mounted
directly to building’s wall face using the provided
mounting holes. There is one 0.85” hole for conduit
connection.
NOTE: This product is factory calibrated and any field adjustment will void the warranty.
SENSOR TYPE
1000 Ω platinum RTD
SENSOR ACCURACY
±0.3°C (±0.54°F) @ 0°C (32°F)
PROBE SENSING RANGE
-40 to 50°C (-40 to 122°F)
PROBE MATERIAL
Machined aluminum
WIRE MATERIAL
PVC insulated, parallel bonded, 22 AWG
OUTPUT SIGNAL
4-20 mA current loop, 0-5 Vdc, or 0-10 Vdc (factory configured)
TRANSMITTER ACCURACY
±0.1% of span, including linearity
OUTPUT DRIVE @ 24 VDC
Current: 600 mA maximum
Voltage: 10 KΩ minimum
POWER SUPPLY
0-5 Vdc: 10-35 Vdc or 10-28 Vac
0-10 Vdc: 15-35 Vdc or 15-28 Vac
4-20 mA: 15-35 Vdc (loop-powered) or 22-28 Vac
CURRENT CONSUMPTION
Current: 20 mA
Voltage: 5 mA
MAXIMUM CURRENT (VOLTAGE)
5 mA nominal
MAXIMUM OUTPUT (VOLTAGE)
Limited to <5.5 Vdc or 0-5 Vdc, <10.5 for 0-10 Vdc
INPUT VOLTAGE EFFECT
Negligible over specified operating range
PROTECTION CIRCUITRY
Reverse voltage protected and output limited
AMBIENT OPERATING RANGE
-40 to 50°C (-40 to 122°F), 5 to 95 %RH non-condensing
ENCLOSURE
A: Polycarbonate, UL94-V0, IP65 (NEMA 4X)
E: Same as A, with thread adapter (1/2” NPT to M16) and cable gland fitting
TERMINATION
Screw terminal block (14 to 22 AWG)
APPROVALS
CE
COUNTRY OF ORIGIN
Canada
SPECIFICATIONS
CABLE GLAND FITTING
THREAD ADAPTER 1/2” NPT TO M16
ACCESSORIES - INCLUDED WITH E ENCLOSURE OPTION
North
OSA Temperature
Sensor
82.5 mm
3.75"
69.8 mm
2.75"
57.2 mm
2.075"
0.5" NPT


Similar Part No. - TXOS

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
TXO PETERMANN-TXO Datasheet
1Mb / 6P
High reliability for low cost
logo
QUARTZCOM the communica...
TXO-P9-3H-6P QUARTZCOM-TXO-P9-3H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-P9-5H-6P QUARTZCOM-TXO-P9-5H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-P9-H-6P QUARTZCOM-TXO-P9-H-6P Datasheet
199Kb / 1P
SMD TCXO HCMOS Wide frequency range up to 200 MHz
TXO-P9-H-6P-ST3 QUARTZCOM-TXO-P9-H-6P-ST3 Datasheet
114Kb / 1P
STRATUM III SMD TCXO HCMOS Overall stability 4.60 ppm including 20 years aging
More results

Similar Description - TXOS

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-DWOS GREYSTONE-PS-DWOS Datasheet
298Kb / 2P
OUTSIDE DEWPOINT TRANSMITTER
PS-HAHTOB GREYSTONE-PS-HAHTOB Datasheet
237Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HAHTOS GREYSTONE-PS-HAHTOS Datasheet
238Kb / 2P
HIGH ACCURACY OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
PS-HATXOB GREYSTONE-PS-HATXOB Datasheet
239Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER WITH SUN/WINDSHIELD
PS-HATXOS GREYSTONE-PS-HATXOS Datasheet
236Kb / 2P
HIGH ACCURACY OUTSIDE TEMPERATURE TRANSMITTER
HSOB GREYSTONE-HSOB Datasheet
260Kb / 2P
OUTSIDE HUMIDITY TRANSMITTER
HSOS GREYSTONE-HSOS Datasheet
246Kb / 2P
OUTSIDE HUMIDITY TRANSMITTER
HTOB GREYSTONE-HTOB Datasheet
216Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
HTOS GREYSTONE-HTOS Datasheet
237Kb / 2P
OUTSIDE HUMIDITY/TEMPERATURE TRANSMITTER
TXOB GREYSTONE-TXOB Datasheet
233Kb / 2P
OUTSIDE TEMPERATURE TRANSMITTER
06/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com