Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS2AA-2RT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LS2AA-2RT
Description  Surface Mountable Illuminated Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LS2AA-2RT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS2AA-2RT Datasheet HTML 1Page - List of Unclassifed Manufacturers LS2AA-2RT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
68
表面実装型照光式スイッチ
LS20 シリーズ
Surface Mountable Illuminated Switch LS20 Series
特徴/ Features
1. 従来のSMD(表面実装デバイス)タイ
プのスイッチとLEDを1つのケース
内にパッケージした画期的な超小型
照光式スイッチです。
2. 2色発光タイプと単色発光タイプが
あり、
色も自由に組み合わせできます
(ご希望によっては、
照光なしのタイ
プも納入可能です。
)
3. チップマウンターによる自動マウン
トが可能で、リフローはんだ対応タイ
プです。
4. マウント時間、並びに部品点数の削除
ができ、
大幅なコストダウンが期待で
きます。
5. 小型、
薄型タイプで高密度実装が可能
です。
6. テーピング包装、
パルク包装、
さらに
基板へ実装したアッセンブリでの納
入にも応えします。
1. The superb surface-mountable
illuminated switch integrated with an
LED or two LEDs into super-miniature
package.
2. One-color or two-colors type is
available. The color of illumination
can be a combination of four:red,
orange, yellow and green. Non-
illuminated type is also available upon
request.
3. With a chip mounting machine, the
“LUMISWITCH”can be automatically
mounted and soldered by reflow.
4. The mounting space can be greatly
reduced, while allowing higher
density mounting. In addition, the
number of parts and time for
mounting onto the substrate are also
reduced,resulting in lower production
costs.
5. Super-miniature package allows high-
density mounting.
6. The product is delivered in either a
taping package, bulk package or
mounted on the substrate as an
assembly.
■部品コード/Code for Parts
LS2 0 AA - 2 R/PG T
〈シリーズ/Series〉
タイプNo./Type No.
0:非照光タイプ
0:Non-illuminated type
1:単色発光タイプ(※1)
1:One-color lighting type(※1)
2:2色発光タイプ(※2)
2:Two-colors lighting type(※2)
形状記号/Shape symbol
記号
プランジャー形状
カバー形状
Symbol
Plunger profile
Cover profile
AA
A
A
BB
B
B
操作荷重/Operating force
1:1.18N(120gf)
2:1.77N(180gf)
3:2.35N(240gf)
発光色(左側/右側)/Lighting color(left side/right side)
標準輝度 R:赤 D:橙 Y:黄 G:緑 FG:新緑 PG:純緑
Standard brightness R:Red D:Orange Y:Yellow G:Green
 FG:Fresh green PG:Pure green
高輝度 SD:橙
Super brightness SD:orange
超高輝度 UR:赤
Ultra brightness UR:Red
包装形態/Packing mode
T:テーピング,  無記入:バルク
T:Taping, Non-code:Bulk packing
■外形寸法図/Outline drawing
(※ 1) 単色発光タイプはLEDが左側に実装されます。(図参照のこと)
(※ 1) In the case of one-color lighting type LED is mounted on the left side as per sketch.
(※ 2) 2色発光タイプのLED の組み合わせは左側に長波長のLED、
右側 に短波長 のLED となります。
(※ 2) In the case of two-colors lighting type LED of longer wave length is mounted on the left side and
LED of shorter wave length on the right side.
①
②
⑤
⑥
③
④
2.8
1.0
φ4.2
φ3.8
7.0
①
②
⑤
⑥
③
④
5.0
0.6
1.251.25
1.1
左側発光中心
右側発光中心
Light emitting center
of left side
Light emitting center
of right side
※UR,HRは極性が逆です。
※Polarity is reversed
 on the UR and HR.
右側/Right side
左側/Left side
+
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
LS22AAタイプ/LS22AA type
※1 の図/sketch for ※1
リフローはんだ用
For reflow soldering
1.0
1.0
1.0 2.0
0.6 0.5
0.95 0.95
1.0
2.0 2.0
LED部以外はLS21AA、
LS20AAに共通。
Same as for LS21AA and LS20AA except for LED portion.


Similar Part No. - LS2AA-2RT

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
LS2A0 SAMYANG-LS2A0 Datasheet
931Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
More results

Similar Description - LS2AA-2RT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPI-210 ETC-CPI-210 Datasheet
216Kb / 1P
SURFACE MOUNTABLE PHOTO INTERRUPTER
5022-151J ETC1-5022-151J Datasheet
37Kb / 2P
Surface Mountable Inductors
logo
LUMEX INC.
CLS-RC11A125191B LUMEX-CLS-RC11A125191B Datasheet
49Kb / 1P
ILLUMINATED ROCKER SWITCH
logo
Oscilent Corporation
638-680K OSCILENT-638-680K Datasheet
135Kb / 2P
Surface Mountable
logo
API Delevan
5022R API-5022R Datasheet
1Mb / 1P
Surface Mountable Inductors
logo
Oscilent Corporation
638 OSCILENT-638 Datasheet
135Kb / 2P
Surface Mountable
logo
Amphenol Corporation
NPA-300 AMPHENOL-NPA-300 Datasheet
820Kb / 8P
Surface Mountable
logo
Anaren Microwave
1E1305-3 ANAREN-1E1305-3 Datasheet
349Kb / 2P
Surface Mountable
C0409J5003AHF ANAREN-C0409J5003AHF Datasheet
180Kb / 6P
Surface Mountable
1A1305-3 ANAREN-1A1305-3 Datasheet
336Kb / 2P
Surface Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com