Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBTLV3251L-R16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # U74CBTLV3251L-R16-R
Description  LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74CBTLV3251L-R16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  U74CBTLV3251L-R16-R Datasheet HTML 1Page - Unisonic Technologies U74CBTLV3251L-R16-R Datasheet HTML 2Page - Unisonic Technologies U74CBTLV3251L-R16-R Datasheet HTML 3Page - Unisonic Technologies U74CBTLV3251L-R16-R Datasheet HTML 4Page - Unisonic Technologies U74CBTLV3251L-R16-R Datasheet HTML 5Page - Unisonic Technologies U74CBTLV3251L-R16-R Datasheet HTML 6Page - Unisonic Technologies U74CBTLV3251L-R16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
U74CBTLV3251
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-D66.b
TEST CIRCUIT AND WAVEFORMS
Notes: 1. CL includes probe and jig capacitance.
2. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the
output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by
the output control.
3. All input pulses are supplied by generators having the following characteristics:
PRR ≤ 10MHz, ZO=50Ω, tr ≤ 2ns, tf ≤ 2ns.
4. tPLZ and tPHZ are the same as tdis.
5. tPZL and tPZH are the same as ten.
6. tPLH and tPHL are the same as tpd.
Load circuitry and voltage waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com