Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTR2103G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTR2103G-S08-R
Description  HALF-BRIDGE DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTR2103G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTR2103G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTR2103G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTR2103G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTR2103G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTR2103G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTR2103
Advance
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R105-081.d
ELECTRICAL CHARACTERISTICS
[VBIAS (VCC, VBS)=15V and TA=25°C unless otherwise specified. The VIN, VTH, and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or
LO.]
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Turn-ON Propagation Delay
ton
VS=0V
680
820
ns
Turn-OFF Propagation Delay
tOFF
VS=600V
150
220
ns
Turn-ON Rise Time
tr
70
170
ns
Turn-OFF Fall Time
tf
35
90
ns
Delay matching, HS & LS
Turn-ON/OFF
MT
60
ns
Deadtime, LS Turn-OFF to HS
Turn-ON & HS Turn-ON to LS
Turn-OFF
DT
400
520
650
ns
Logic “1” (HIN) & Logic “0” (LIN) Input
Voltage
VIH
VCC=10V~20V
2.5
V
Logic “0” (HIN) & Logic “1” (LIN) Input
Voltage
VIL
0.8
V
High level Output Voltage, VBIAS - VO
VOH
IO=2mA
0.05
0.2
V
Low Level Output Voltage, VO
VOL
0.02
0.1
V
Offset Supply Leakage Current
ILK
VB=VS=600V
50
μA
Quiescent VBS Supply Current
IQBS
VIN=0V or 5V
30
55
μA
Quiescent VCC Supply Current
IQCC
150
270
μA
Logic “1” Input Bias Current
IIN+
VIN=5V
3
10
μA
Logic “0” Input Bias Current
IIN-
VIN=0V
5
μA
VCC Supply Undervoltage Positive
Going Threshold
VCCUV+
8
8.9
9.8
V
VCC Supply Undervoltage Negative
Going Threshold
VCCUV-
7.4
8.2
9
V
Output High Short Circuit Pulsed
Current
IO+
VIN=0V, VO=0V
130
290
mA
Output Low Short Circuit Pulsed
Current
IO-
PW≤10μs, VO=15V
270
600
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com