Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT24P10G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT24P10G-TN3-R
Description  -24A, -100V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT24P10G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT24P10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT24P10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT24P10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT24P10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT24P10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT24P10G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTT24P10-H
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R210-055.A
ABSOLUTE MAXIMUM RATINGS (TC=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-100
V
Gate-Source Voltage
VGSS
±25
V
TC=25°С
-24
A
Continuous Drain Current
Continuous
TC=100°С
ID
-15.1
A
Pulsed Drain Current
Pulsed (Note 2)
IDM
-96
A
Power Dissipation
PD
125
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°С/W
Junction to Case
θJC
1.0
°С/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
-100
V
VDS=-100V, VGS=0V, TJ=25°C
-1
µA
Drain-Source Leakage Current
IDSS
VDS=-80V, VGS=0V, TJ=125°C
-10
µA
Forward
VDS=0V ,VGS=+25V
+100
nA
Gate-Source Leakage Current
Reverse
IGSS
VDS=0V ,VGS=-25V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-1.2
-1.6
-2.2
V
VGS=-10V, ID=-6.0A
75
95
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-3.0A
80
110
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
2250 3900
pF
Output Capacitance
COSS
130
250
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=-30V, f=1.0MHz
90
180
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 1)
QG
40.4
70
nC
Gate to Source Charge
QGS
7.7
15
nC
Gate to Drain Charge
QGD
VDS=-50V, VGS=-10V, ID=-6A
6.6
13
nC
Turn-on Delay Time (Note 1)
tD(ON)
27
54
ns
Rise Time
tR
12
24
ns
Turn-off Delay Time
tD(OFF)
150
300
ns
Fall-Time
tF
VDD=-30V, VGS=-10V, ID=-1A,
RG=6Ω
45
90
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Pulsed Current
IS
-24
A
Drain-Source Diode Forward Voltage (Note 1)
ISM
VG=VD=0V , Force Current
-48
A
Maximum Body-Diode Continuous Current
VSD
IS =-1.0A, VGS=0V
-1.2
V
Note: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com