Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7618ER-L/TR Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP7618ER-L/TR
Description  Constant Current LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618ER-L/TR Datasheet(HTML) 4 Page - Sipex Corporation

  SP7618ER-L/TR Datasheet HTML 1Page - Sipex Corporation SP7618ER-L/TR Datasheet HTML 2Page - Sipex Corporation SP7618ER-L/TR Datasheet HTML 3Page - Sipex Corporation SP7618ER-L/TR Datasheet HTML 4Page - Sipex Corporation SP7618ER-L/TR Datasheet HTML 5Page - Sipex Corporation SP7618ER-L/TR Datasheet HTML 6Page - Sipex Corporation SP7618ER-L/TR Datasheet HTML 7Page - Sipex Corporation SP7618ER-L/TR Datasheet HTML 8Page - Sipex Corporation SP7618ER-L/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Date: Dec 5-06 Rev E
Constant Current LED Driver
© 2006 Sipex Corporation
0
200
400
600
800
000
200
0
0.5

.5
2
2.5
3
3.5
Vled, V
3 pulses
7 pulses
5 pulses
3 pulses
Load regulation at Vcc = 5.5V @ 25°C
0
200
400
600
800
000
200
0
0.2
0.4
0.6
0.8

Vled, V
3 pulses
7 pulses
5 pulses
3 pulses
Load regulation at Vcc = 5.5V @ 25°C
700
750
800
850
900
950
000
050
00
0
00
200
300
400
500
600
700
25C
85C
Load regulation vs. temperature at Iled = A and Vcc = 5.5V
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com