Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT75N75MG-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UTT75N75MG-TN3-R
Description  75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT75N75MG-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UTT75N75MG-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT75N75MG-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT75N75MG-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT75N75MG-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT75N75MG-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTT75N75MG-TN3-R Datasheet HTML 6Page - Unisonic Technologies UTT75N75MG-TN3-R Datasheet HTML 7Page - Unisonic Technologies UTT75N75MG-TN3-R Datasheet HTML 8Page - Unisonic Technologies UTT75N75MG-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UTT75N75M
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R209-154.D
TEST CIRCUITS AND WAVEFORMS
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Switching Test Circuit
Switching Waveforms
DUT
VDS
Same Type
as D.U.T.
VGS
RG
RD
VD
Charge
QGS
QGD
QG
VGS
Gate Charge Test Circuit
Gate Charge Waveform
D.U.T.
VGS
VDS
tp
IAS
Driver
L
VDD
0.01Ω
RG
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com