Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT75N75MG-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTT75N75MG-TQ2-R
Description  75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT75N75MG-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTT75N75MG-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT75N75MG-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT75N75MG-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTT75N75MG-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTT75N75MG-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UTT75N75MG-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UTT75N75MG-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UTT75N75MG-TQ2-R Datasheet HTML 8Page - Unisonic Technologies UTT75N75MG-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UTT75N75M
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R209-154.D
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0 V, ID=250µA
75
V
Drain-Source Leakage Current
IDSS
VDS=75 V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=20V, VDS=0V
100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.0
3.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=37.5A
9.0
mΩ
VGS=4.5V, ID=37.5A
12
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1MHz
4300
pF
Output Capacitance
COSS
310
pF
Reverse Transfer Capacitance
CRSS
265
pF
SWITCHING CHARACTERISTICS
Total Gate Charge (Note 1)
QG
VDS=60V, VGS=10V, ID=75A,
(Note 1, 2)
134
nC
Gate-Source Charge
QGS
20
nC
Gate-Drain Charge
QGD
43
nC
Turn-On Delay Time (Note 1)
tD(ON)
VDD=30V, VGS=10V, ID=75A,
RG =3.3Ω (Note 1, 2)
15
ns
Turn-On Rise Time
tR
20
ns
Turn-Off Delay Time
tD(OFF)
70
ns
Turn-Off Fall Time
tF
26
ns
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Continuous Source Current
IS
75
A
Pulsed Source Current
ISM
150
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=75A, VGS=0V
1.5
V
Body Diode Reverse Recovery Time (Note 1)
trr
IS=30A, VGS=0V,
dIF/dt=100A/µs
42
nS
Body Diode Reverse Recovery Charge
Qrr
43
nC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle≤2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com