Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82-99652 Datasheet(PDF) 2 Page - Bi technologies

Part # HT82-99652
Description  VDSL Coupling Transformers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT82-99652 Datasheet(HTML) 2 Page - Bi technologies

  HT82-99652 Datasheet HTML 1Page - Bi technologies HT82-99652 Datasheet HTML 2Page - Bi technologies HT82-99652 Datasheet HTML 3Page - Bi technologies HT82-99652 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6-156
Model HT82 Series
ENVIRONMENTAL
Operating Temperature Range
-40°C to +85°C
.532
13.5
.701
17.8
Max.
Max.
.010
2.54
.05
1.27
.010
2.54
.100
2.54
1
10
5
Recommended PCB Layout
6
HT82-99627
.720
18.28
.394
10.0
Max.
(1)
Supports Broadcom BCM 6010. Assumes pins 2-3, 8-9 are tied externally.
(2)
OCL tested @10kHz, 100mV.
(3)
THD tested @ 100kHz, 6.6V p-p with 135
Ω load.
ELECTRICAL NOTES
.400
10.16
.200
5.08
.500
12.70
.350
8.89
.250
6.35
.013
3.30
5
1
6
2
Max.
Max.
Max.
Pin ø:
.020
.510
HT82-99653
1.00
25.4
Max.
.405
10.25
.300
7.62
.300
7.62
.20
5.08
.10
2.54
.120
3.05
Pin ø:
Pin 1
Indicator
.020
0.51
HT82-99652
OUTLINE DIMENSIONS (Inch/mm)
HT82-99627 - Surface Mount
HT82-99653- Through Hole
HT82-99652- Through Hole



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com