Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPDQ60R025CFD7 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPDQ60R025CFD7
Description  600V CoolMOSª CFD7 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPDQ60R025CFD7 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPDQ60R025CFD7 Datasheet HTML 1Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 2Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 3Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 4Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 5Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 6Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 7Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 8Page - Infineon Technologies AG IPDQ60R025CFD7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IPDQ60R025CFD7
Rev.2.0,2022-11-21
Final Data Sheet
1
11
12
22
TAB
PG-HDSOP-22
Drain
Pin 12-22, Tab
Gate
Pin 1
Power
Source
Pin 3-11
Driver
Source
Pin 2
*1
*1: Internal body diode
MOSFET
600VCoolMOSªCFD7PowerTransistor
CoolMOS™isarevolutionarytechnologyforhighvoltagepower
MOSFETs,designedaccordingtothesuperjunction(SJ)principleand
pioneeredbyInfineonTechnologies.ThelatestCoolMOS™CFD7isthe
successortotheCoolMOS™CFD2seriesandisanoptimizedplatform
tailoredtotargetsoftswitchingapplicationssuchasphase-shiftfull-bridge
(ZVS)andLLC.Resultingfromreducedgatecharge(Qg),best-in-class
reverserecoverycharge(Qrr)andimprovedturnoffbehaviorCoolMOS™
CFD7offershighestefficiencyinresonanttopologies.AspartofInfineon’s
fastbodydiodeportfolio,thisnewproductseriesblendsalladvantagesof
afastswitchingtechnologytogetherwithsuperiorhardcommutation
robustness,withoutsacrificingeasyimplementationinthedesign-in
process.
Features
•Ultra-fastbodydiode
•Lowgatecharge
•Best-in-classreverserecoverycharge(Qrr)
•ImprovedMOSFETreversediodedv/dtanddiF/dtruggedness
•LowestFOMRDS(on)*QgandRDS(on)*Eoss
•Best-in-classRDS(on)inSMDandTHDpackages
Benefits
•Excellenthardcommutationruggedness
•Highestreliabilityforresonanttopologies
•Highestefficiencywithoutstandingease-of-use/performancetradeoff
•Enablingincreasedpowerdensitysolutions
Potentialapplications
SuitableforSoftSwitchingtopologies
Optimizedforphase-shiftfull-bridge(ZVS),LLCApplications–Server,
Telecom,EVCharging
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Pleasenote:Thesourceandsensesourcepinsarenotexchangeable.
Theirexchangemightleadtomalfunction.Forparalleling4pinMOSFET
devicestheplacementofthegateresistorisgenerallyrecommendedtobe
ontheDriverSourceinsteadoftheGate.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
25
m
Ω
Qg,typ
141
nC
ID,pulse
277
A
Eoss @ 400V
16.3
µJ
Body diode diF/dt
1300
A/µs
Type/OrderingCode
Package
Marking
RelatedLinks
IPDQ60R025CFD7
PG-HDSOP-22
60R025F7
see Appendix A


Similar Part No. - IPDQ60R025CFD7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPDQ60R020CFD7 INFINEON-IPDQ60R020CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2022-11-21
IPDQ60R022S7 INFINEON-IPDQ60R022S7 Datasheet
1Mb / 14P
600V CoolMOSª SJ S7 Power Device
Rev. 2.0, 2021-08-20
IPDQ60R022S7A INFINEON-IPDQ60R022S7A Datasheet
1Mb / 14P
600V CoolMOSª SJ S7A Power Device
Rev. 2.0, 2022-11-23
IPDQ60R024CM8 INFINEON-IPDQ60R024CM8 Datasheet
1Mb / 16P
MOSFET 600V CoolMOS™ CM8 Power Transistor
Revision 2.0 2024-10-30
More results

Similar Description - IPDQ60R025CFD7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R024CFD7 INFINEON-IPW60R024CFD7 Datasheet
974Kb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-02-28
IPB60R070CFD7 INFINEON-IPB60R070CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-05-17
IPB60R105CFD7 INFINEON-IPB60R105CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-05-17
IPP60R145CFD7 INFINEON-IPP60R145CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.1, 2018-11-12
IPW60R055CFD7 INFINEON-IPW60R055CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.1, 2018-02-27
IPW60R090CFD7 INFINEON-IPW60R090CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2018-02-15
IPW60R105CFD7 INFINEON-IPW60R105CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2018-04-20
IPW60R125CFD7 INFINEON-IPW60R125CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2018-02-15
IPDQ60R075CFD7 INFINEON-IPDQ60R075CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2021-09-22
IPDQ60R020CFD7 INFINEON-IPDQ60R020CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2022-11-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com