Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG8JL-AL5-2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UG8JL-AL5-2-R
Description  EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UG8JL-AL5-2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UG8JL-AL5-2-R Datasheet HTML 1Page - Unisonic Technologies UG8JL-AL5-2-R Datasheet HTML 2Page - Unisonic Technologies UG8JL-AL5-2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UG8J
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R222-002,A
TYPICAL CHARACTERISTICS
Ta=-20℃
25℃
100℃
Input Voltage vs. Output Current
(ON Characteristics)
100µ
VOUT=0.3V
200µ 500µ 1m 2m 5m 10m 20m 50m 100m
100m
200m
500m
2
5
20
50
100
Output Current, IOUT (A)
1
10
Output Current vs. Input Voltage
(OFF Characteristics)
1µ
0.5
Input Voltage, VI(OFF) (V)
1
01.5
2.5
2.0
3.0
2µ
5µ
10µ
20µ
50µ
100µ
200µ
500µ
1m
2m
5m
10m
VCC=5V
Ta=100℃
25℃
-20℃
DC Current Gain vs. Output Current
VOUT=5V
50
200
500
1k
Output Current, IOUT (A)
Ta=100℃
25℃
-20℃
1
2
5
10
20
100
100µ 200µ 500µ 1m 2m 5m 10m 20m 50m 100m
Output Voltage vs. Output Current
IOUT/IIN=20
Output Current, IOUT (A)
Ta=100℃
25℃
-20℃
1m
2m
5m
10m
20m
50m
100m
200m
500m
1
100µ 200µ 500µ 1m 2m 5m 10m 20m 50m 100m
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com