Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT112 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ACT112
Description  ULTRA SMALL AUTOMOTIVE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ACT112 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ACT112 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ACT112 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ACT112 Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CT
366
3. Slim 1c type
JAPAN
0.4
.016
3.5
.138
1
.039
1
.039
0.3
.012
Max. 1.0
.039
*A
Pre-soldering
Sealed by epoxy resin
1.25
.049
3.15
.124
1.45
.057
13.5
.531
0.4
.016
0.8
.031
0.4
.016
0.4
.016
9.5
.374
4.3
.169
7.2
.283
17.4
.685
1
.039
0.65
.006
6
.236
15
.591
mm inch
* Dimensions (thickness and width) of terminal specified in this catalog is measured before pre-soldering.
Intervals between terminals is measured at A surface level.
PC board pattern (Bottom view)
Tolerance:
±0.1±.004
Schematic (Bottom view)
3.15
.124
4.3
.169
2-1.1
dia.
2-.043
dia.
+0.1
0
+0.04
0
3-1.4 dia.
3-.055 dia.
15
.591
0.65
.026
9.5
.374
6
.236
NO
COM
NC
COIL
EXAMPLE OF CIRCUIT
Forward/reverse control circuits of DC
motor for power windows
12 V DC
Tr 1
Tr 2
NO
NC
COM
COM
M
NO
NC
M Power window motor
REFERENCE DATA
1-(1). Coil temperature rise (at 20
°C 68°F)
Sample: ACT212, 3pcs
Contact carrying current: 0A, 10A, 20A
1-(2). Coil temperature rise (at 85
°C 185°F)
Sample: ACT212, 3pcs
Contact carrying current: 0A, 10A, 20A
0
20
40
60
80
100
120
140
12
14
16
20A
10A
0A
Coil applied voltage, V
0
20
40
60
80
100
120
140
12
14
16
20A
10A
0A
Coil applied voltage, V
2-(1). Electrical life test (Motor load)
Tested sample: ACT212, 3pcs.
Load: 5A steady, Inrush 25A, 14V DC
Operating frequency: ON 0.5s, OFF 9.5s
2-(2). Electrical life test (Motor lock)
Tested sample: ACT212, 3pcs.
Load: 25A, 14V DC
Operating frequency: ON 0.5s, OFF 9.5s
M
Tested sample
Circuit
0
2
4
6
8
10
010
20
X
X
Max.
Max.
Min.
Min.
No. of operations,
× 104
Pick-up voltage
Drop-out voltage
0
2
4
6
8
10
010
X
X
Max.
Max.
Min.
Min.
No. of operations,
× 104
Pick-up voltage
Drop-out voltage
For Cautions for use, see Relay Technical Information (Page 48 to 76).
Dimension:
Tolerance
Max. 1mm .039 inch:
±0.1 ± .004
1 to 3mm .039 to .118 inch:
±0.2 ± .008
Min. 3mm .118 inch:
±0.3 ± .012
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com