Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5539SQ/883B Datasheet(PDF) 16 Page - Analog Devices

Part # AD5539SQ/883B
Description  Ultrahigh Frequency Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5539SQ/883B Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5539SQ/883B Datasheet HTML 8Page - Analog Devices AD5539SQ/883B Datasheet HTML 9Page - Analog Devices AD5539SQ/883B Datasheet HTML 10Page - Analog Devices AD5539SQ/883B Datasheet HTML 11Page - Analog Devices AD5539SQ/883B Datasheet HTML 12Page - Analog Devices AD5539SQ/883B Datasheet HTML 13Page - Analog Devices AD5539SQ/883B Datasheet HTML 14Page - Analog Devices AD5539SQ/883B Datasheet HTML 15Page - Analog Devices AD5539SQ/883B Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD5539
REV. B
–16–
quency applications including color key switching. It features
both inverting and noninverting inputs and can provide an out-
put of
±1 V into a reverse-terminated 75 Ω load (or ±2 V into
150
Ω). An optional output offset adjustment is provided. The
input range of the video switch is the same as the output range:
±1 V at either input generates ±1 V (noninverting) or 1 V
(inverting) across the 75
Ω load. The circuit provides a gain of
about 1, when “ON,” or zero when “OFF.”
The differential configuration uses both channels of the AD539
not only to provide alternative input phases, but also to elimi-
nate the switching pedestal due to step changes in the output
current as the AD539 is gated on or off.
Figure 49 shows the response to a pulse of 0 to +1 V on the
signal channel. With the control input held at zero, the rise
time is under 10 ns. The response from the inverting input
is similar.
The differential-gain and differential-phase characteristics of
this switch are compatible with video applications. The incre-
mental gain changes less than 0.05 dB over a signal window of 0
to +1 V, with a phase variation of less than 0.5 degree at the
subcarrier frequency of 3.58 MHz. The noise level of this cir-
cuit measured at the 75
Ω load is typically 200 µV in a 0 MHz
to 5 MHz bandwidth or approximately 100 nV per root hertz.
The noise spectral density is essentially flat to 40 MHz.
The waveforms shown in Figures 48 and 49 were taken across a
75
Ω termination; in both photos, the signal of 0 to +1 V (in
this case, an offset sine wave at 1 MHz) was applied to the
noninverting input. In Figure 48, the envelope response shows
the output being fully switched in about 50 ns. Note that the
output is ON when the control input is zero (or more negative)
and OFF for a control input of +1 V or more. There is very
little control-signal breakthrough.
Figure 48. The Control Response of the Video Switcher
Figure 49. The Signal Response of the Video Switcher
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
14-Pin Cerdip Package
(Q-14)
14-Pin Plastic DIP Package
(N-14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com