Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1231 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1231
Description  Power Monitor Chip
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1231 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1231 Datasheet HTML 1Page - Dallas Semiconductor DS1231 Datasheet HTML 2Page - Dallas Semiconductor DS1231 Datasheet HTML 3Page - Dallas Semiconductor DS1231 Datasheet HTML 4Page - Dallas Semiconductor DS1231 Datasheet HTML 5Page - Dallas Semiconductor DS1231 Datasheet HTML 6Page - Dallas Semiconductor DS1231 Datasheet HTML 7Page - Dallas Semiconductor DS1231 Datasheet HTML 8Page - Dallas Semiconductor DS1231 Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
DS1231/S
022698 5/9
APPLICATION – MODE PIN CONNECTED TO
GROUND
When the Mode pin is connected to ground, pin 1 is a
current source of 30
µA with a VTP+ of 2.5 volts. Pin 1 is
held below the trip point by a switching device like an
opto-isolator as shown in Figure 6. Determination of the
sense point has the same criteria as discussed in the
previous application. However, determining component
values is significantly different. In this mode, the maxi-
mum dynamic range of the sense point versus desired
trip voltage is primarily determined by the selection of a
zener diode. As an example, if the maximum voltage at
the sense point is 200V and the desired trip point is
150V, then a zener diode of 150V will approximately set
the trip point. This is particularly true if power consump-
tion on the high voltage side of the opto-isolator is not an
issue. However, if power consumption is a concern,
then it is desirable to make the value of R1 high. As the
value of R1 increases, the effect of the LED current in
the opto-isolator starts to affect the IN trip point. This can
be seen from the equation shown in Figure 6. R1 must
also be low enough to allow the opto-isolator to sink the
30
µA of collector current required by pin 1 and still have
enough resistance to keep the maximum current
through the opto-isolator’s LED within data sheet limits.
Figure 7 illustrates how the DS1231 can be interfaced to
the AC power line when the mode pin is grounded.
AC VOLTAGE MONITOR WITH TRANSFORMER ISOLATION Figure 5
+5VDC
IN
MODE
TOL
GND
VCC
NMI
RST
RST
-10% VCC THRESHOLD
TO
µ P
DS1231
+5VDC
VOLTAGE SENSE POINT
NOTE: RST requires a pull–up resister.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com