Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

629-2W2-240-1TC Datasheet(PDF) 1 Page - EDAC, All Rights Reserved.

Part # 629-2W2-240-1TC
Description  629C Series,Right Angle Combo D-Sub Connector | Plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.

629-2W2-240-1TC Datasheet(HTML) 1 Page - EDAC, All Rights Reserved.

  629-2W2-240-1TC Datasheet HTML 1Page - EDAC, All Rights Reserved. 629-2W2-240-1TC Datasheet HTML 2Page - EDAC, All Rights Reserved. 629-2W2-240-1TC Datasheet HTML 3Page - EDAC, All Rights Reserved. 629-2W2-240-1TC Datasheet HTML 4Page - EDAC, All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
30.80
25.00
16.90
10°
6.10
11.00
NOTES:
MATERIAL:
HOUSING: THERMOPLASTIC POLYESTER, UL94V-0
SHELL: STEEL, Sn or Ni PLATED
CONTACT: COPPER ALLOY SEE ORDERING GUIDE FOR PLATING
OPERATING TEMPERATURE: -55 C ~ 125 C
SIGNAL CONTACT CURRENT RATING: 5A PER CONTACT
SIGNAL CONTACT RESISTANCE: 10mΩ MAX.
INSULATOR RESISTANCE: 5000MΩ min.
DIELECTRIC
WITHSTANDING VOLTAGE: 1000V AC rms
TOLERANCE
UNLESS OTHERWISE
SPECIFIED
.XX
±0.13
.XXX
DRAWN:
CHECKED:
SW REFERENCE NO.:
PART NUMBER:
SCALE:
YOUR CONNECTION TO QUALITY & SERVICE
WITHOUT WRITTEN PERMISSION.
THESE DRAWINGS AND SPECIFICATIONS
ARE THE PROPERTY OF EDAC INC.,AND
SHALL NOT BE REPRODUCED,OR COPIED
OR USED AS THE BASIS FOR THE
MANUFACTURE OR SALE OF APPARATUS
TORONTO, ONTARIO
EDAC INC
CANADA
DO NOT MAKE MANUAL REVISIONS TO MASTER.
THIS IS A C.A.D. GENERATED DRAWING
JAN. 01/2019
SHEET
OF
629 COMBO ASSEMBLY
629-2W2-240-1TC
(IN C.A.D. 1:1)
C.B
DATE:
DATE:
1
ISSUE
ISSUE NUMBER
ORIGINAL
1
THIS SERIES FULLY CONFORMS TO
THE EUROPEAN UNION DIRECTIVES
2011/65/EU FOR RoHS COMPLIANCY.
COMPLIANT
COMBINATION D-SUB
.X
±0.25
1
4
DRAWING NUMBER:
629-2W2-240-1TC
±0.05


Similar Part No. - 629-2W2-240-1TC

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
629-2W2-240-1TC EDAC-629-2W2-240-1TC Datasheet
1Mb / 12P
629C Series Right Angle Combo D-Sub Connector | Plug
More results

Similar Description - 629-2W2-240-1TC

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
629-2W2-240-1N4 EDAC-629-2W2-240-1N4 Datasheet
879Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-1ND EDAC-629-2W2-240-1ND Datasheet
884Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-1T1 EDAC-629-2W2-240-1T1 Datasheet
877Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-2N6 EDAC-629-2W2-240-2N6 Datasheet
882Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-2NE EDAC-629-2W2-240-2NE Datasheet
882Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-2T1 EDAC-629-2W2-240-2T1 Datasheet
878Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-3N4 EDAC-629-2W2-240-3N4 Datasheet
880Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-3NA EDAC-629-2W2-240-3NA Datasheet
879Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-4N1 EDAC-629-2W2-240-4N1 Datasheet
878Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
629-2W2-240-4N3 EDAC-629-2W2-240-4N3 Datasheet
882Kb / 4P
629C Series,Right Angle Combo D-Sub Connector | Plug
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com